Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2545CT Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MBR2545CT
Description  30A SCHOTTKY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MBR2545CT Datasheet(HTML) 1 Page - Digitron Semiconductors

  MBR2545CT Datasheet HTML 1Page - Digitron Semiconductors MBR2545CT Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MBR2535CT-MBR2545CT
30A SCHOTTKY RECTIFIERS
MAXIMUM RATINGS
MBR
Rating
Symbol
2535CT
2545CT
Unit
Peak repetitive reverse voltage
Working peak reverse voltage
DC blocking voltage
VRRM
VRWM
VR
35
45
V
Average rectified forward current (Rated VR)
IF(AV)
30 @ TC = 130°C
A
Non-repetitive peak surge current per diode
(surge applied at rated load conditions, halfwave, single phase, 60Hz)
IFSM
150
A
Peak repetitive reverse surge current (2.0µs, 1.0kHz)
IRRM
1.0
A
Operating junction temperature range
TJ
-65 to +150
°C
Storage temperature range
Tstg
-65 to +175
°C
Voltage rate of change (Rated VR)
dv/dt
1000
V/µs
Maximum thermal resistance
Junction to case
R
ӨJC
1.5
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
MBR
Parameter
Symbol
2535CT
2545CT
Unit
Maximum instantaneous forward voltage (1)
(IF = 30A, TC = 125°C)
(IF = 30A, TC = 25°C)
VF
0.73
0.82
V
Maximum instantaneous reverse current (1)
(Rated dc voltage, TC = 125°C)
(Rated dc voltage, TC = 25°C)
IR
40
0.2
mA
Note 1: Pulse test: Pulse width = 300ms, duty cycle ≤ 2%.
MECHANICAL CHARACTERISTICS
Case
TO-220AB
Marking
Alpha-numeric
Polarity
Cathode band
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121204
TO-220AB
Inches
Millimeters
Min
Max
Min
Max
A
0.570
0.620
14.480
15.750
B
0.380
0.405
9.660
10.280
C
0.160
0.190
4.070
4.820
D
0.025
0.035
0.640
0.880
F
0.142
0.147
3.610
3.730
G
0.095
0.105
2.420
2.660
H
0.110
0.155
2.800
3.930
J
0.018
0.025
0.460
0.640
K
0.500
0.562
12.700
14.270
L
0.045
0.060
1.150
1.520
N
0.190
0.210
4.830
5.330
Q
0.100
0.120
2.540
3.040
R
0.080
0.110
2.040
2.790
S
0.045
0.055
1.150
1.390
T
0.235
0.255
5.970
6.470
U
-
0.050
-
1.270


Similar Part No. - MBR2545CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2545CT MOTOROLA-MBR2545CT Datasheet
82Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
Nantong Hornby Electron...
MBR2545CT HORNBY-MBR2545CT Datasheet
261Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Semiconduct...
MBR2545CT SIRECTIFIER-MBR2545CT Datasheet
106Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBR2545CT LUGUANG-MBR2545CT Datasheet
278Kb / 2P
   25.0AMP. Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
MBR2545CT FAIRCHILD-MBR2545CT Datasheet
35Kb / 3P
   30 Ampere Schottky Barrier Rectifiers
More results

Similar Description - MBR2545CT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM30200D SECOS-SM30200D Datasheet
298Kb / 2P
   30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR30150CT MORESEMI-MBR30150CT Datasheet
955Kb / 2P
   30A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM30200D SECOS-SM30200D_15 Datasheet
236Kb / 2P
   30A Schottky Barrier Rectifiers
SM30100D SECOS-SM30100D_15 Datasheet
251Kb / 2P
   30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR30100FCT MORESEMI-MBR30100FCT Datasheet
785Kb / 2P
   30A Schottky Barrier Rectifiers
MBR30150FCT MORESEMI-MBR30150FCT Datasheet
858Kb / 2P
   30A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM3060D SECOS-SM3060D_15 Datasheet
244Kb / 2P
   30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR3045CT MORESEMI-MBR3045CT Datasheet
755Kb / 2P
   30A Schottky Barrier Rectifiers
MBR3045FCT MORESEMI-MBR3045FCT Datasheet
930Kb / 2P
   30A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SB3040CT FRONTIER-SB3040CT Datasheet
511Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com