Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR320 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MBR320
Description  3A SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MBR320 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MBR320 Datasheet HTML 1Page - Digitron Semiconductors MBR320 Datasheet HTML 2Page - Digitron Semiconductors MBR320 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MBR320-MBR360
3A SCHOTTKY RECTIFIER
MAXIMUM RATINGS
MBR
Rating
Symbol
320
330
340
350
360
Unit
Peak repetitive reverse voltage
Working peak reverse voltage
DC blocking voltage
VRRM
VRWM
VR
20
30
40
50
60
V
Average rectified forward current @ TA = 65°C
(RӨJA = 28°C/W,PC board mounted)
IO
3.0
A
Non-repetitive peak surge current @ TL = 75°C(2)
(surge applied at rated load conditions, halfwave, single phase, 60Hz)
IFSM
80
A
Operating and storage junction temperature range
TJ, Tstg
-65 to +150
°C
Peak operating junction temperature (forward current applied)
TJ(pk)
150
°C
Maximum thermal resistance
Junction to ambient
R
ӨJA
28
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
MBR
Parameter
Symbol
320
330
340
350
360
Unit
Maximum instantaneous forward voltage (1)
(IF = 1.0A)
(IF = 3.0A)
(IF = 9.4A)
VF
0.500
0.600
0.850
0.600
0.740
1.080
V
Maximum instantaneous reverse current (1)
(Rated dc voltage, TC = 25°C)
(Rated dc voltage, TC = 100°C)
IR
0.60
20
mA
Note 1: Pulse test: Pulse width = 300µs, duty cycle ≤ 2.0%.
Note 2: Lead temperature reference is cathode lead 1/32” from case.
MECHANICAL CHARACTERISTICS
Case
DO-201A
Marking
Body painted, alpha-numeric
Polarity
Cathode band
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121128


Similar Part No. - MBR320

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR320 MOTOROLA-MBR320 Datasheet
121Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
logo
SynSemi, Inc.
MBR320 SYNSEMI-MBR320 Datasheet
30Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Zibo Seno Electronic En...
MBR320 ZSELEC-MBR320 Datasheet
135Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
logo
Compact Technology Corp...
MBR3200 CTC-MBR3200 Datasheet
72Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR3200 PANJIT-MBR3200 Datasheet
70Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR320

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MR850 DIGITRON-MR850 Datasheet
94Kb / 2P
   3A SCHOTTKY RECTIFIER
logo
PFC Device Inc.
SR3L06H PFC-SR3L06H Datasheet
561Kb / 5P
   3A 60V Schottky Rectifier
SR3100H PFC-SR3100H Datasheet
559Kb / 5P
   3A 100V Schottky Rectifier
logo
Diodes Incorporated
PDS340Q DIODES-PDS340Q Datasheet
405Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SB3U40 UTC-SB3U40 Datasheet
119Kb / 3P
   3A SCHOTTKY BARRIER RECTIFIER
logo
PFC Device Inc.
SS345F PFC-SS345F Datasheet
692Kb / 5P
   3A 45V Schottky Rectifier
logo
Diodes Incorporated
PDS360Q DIODES-PDS360Q Datasheet
232Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
B3L30LP DIODES-B3L30LP Datasheet
84Kb / 3P
   3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 2 - 2
logo
Chip Integration Techno...
C34AG CITC-C34AG Datasheet
504Kb / 4P
   3A Trench Schottky Rectifier
logo
Diodes Incorporated
PDS340 DIODES-PDS340_10 Datasheet
101Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER
DS30478 Rev. 8 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com