Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBL04 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # KBL04
Description  SINGLE PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

KBL04 Datasheet(HTML) 1 Page - Digitron Semiconductors

  KBL04 Datasheet HTML 1Page - Digitron Semiconductors KBL04 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
KBL005-KBL10
SINGLE PHASE BRIDGE RECTIFIER
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS (@ 25°C ambient temperature unless otherwise noted)
Rating
Symbol
KBL005
KBL01
KBL02
KBL04
KBL06
KBL08
KBL10
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward output rectified
current at TA = 50°C
IF(AV)
4.0
Amps
Peak forward surge current single sine
wave superimposed on rated load
IFSM
200
Amps
Operating and storage temperature range
TJ, Tstg
-50 to +150
°C
Typical thermal characteristics
R
ӨJA
R
ӨJL
19(1)
2.4(2)
°C/W
Note 1: Thermal resistance from junction to ambient with units mounted on 3.0x3.0x0.11” thick aluminum plate
Note 2: Thermal resistance from junction to lead with units mounted on PCB at 0.375” lead length and 0.5x0.5” copper pads.
ELECTRICAL CHARACTERISTICS (@ 25°C ambient temperature unless otherwise noted)
Characteristic
Symbol
KBL005
KBL01
KBL02
KBL04
KBL06
KBL08
KBL10
Units
Maximum instantaneous forward drop per
diode @ 4.0A
VF
1.1
Volts
Maximum DC reverse current at rated DC
blocking voltage per diode
TA = 25°C
TA = 125°C
IR
5
1
µA
mA
MECHANICAL CHARACTERISTICS
Case
Digi N
Marking
Body painted, alpha-numeric
Pin out
See below
Digi N
Inches
Millimeters
Min
Max
Min
Max
A
0.745
0.755
18.920
19.180
B
0.620
0.630
15.750
16.000
C
0.245
0.255
6.220
6.480
D
0.048
0.052
1.220
1.320
F
0.180
0.220
4.570
5.590
G
1.000
-
25.400
-
H
1.100
-
27.940
-
J
0.081
0.085
2.057
2.180
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130128


Similar Part No. - KBL04

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
KBL04 HY-KBL04 Datasheet
391Kb / 3P
   Silicon Bridge Rectifiers
logo
Semtech Corporation
KBL04 SEMTECH-KBL04 Datasheet
128Kb / 2P
   4.0A SINGLE - PHASE SILICON BRIDGE
logo
Vishay Siliconix
KBL04 VISHAY-KBL04 Datasheet
102Kb / 4P
   Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
SynSemi, Inc.
KBL04 SYNSEMI-KBL04 Datasheet
410Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
List of Unclassifed Man...
KBL04 ETC2-KBL04 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - KBL04

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com