Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-7934WZ Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-7934WZ
Description  Four-Channel Pluggable Parallel Fiber Optic Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-7934WZ Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-7934WZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause catastrophic damage to the device. Limits apply to each parame-
ter in isolation, all other parameters having values within the recommended operating conditions. It should not be assumed that
limiting values of more than one parameter can be applied to the product at the same time. Exposure to the absolute maximum
ratings for extended periods can adversely affect device reliability.
Parameter
Symbol
Minimum Typical
Maximum
Unit
Reference
Storage Temperature
TS
-40
+100
ºC
Supply Voltage
VCC
-0.5
4.6
V
Data/Control Signal Input Voltage
VI
-0.5
VCC + 0.5
V
Transmitter Differential Input Voltage
| VD |
2
V
1
Output Current (dc)
ID
25
mA
Relative Humidity (Non Condensing)
RH
5
95
%
Parameter
Symbol
Minimum
Typical
Maximum Unit
Reference
Case Temperature
TC
0
+80
ºC
2, Figures 2,
Supply Voltage
VCC
3.135
3.3
3.465
V
Figure 8
Signaling Rate/Channel
1
3.125
GBd
6
Data Input Differential
Peak-to-PeakVoltage Swing
DVDINP-P
175
1600
mVP-P
3, Figures 11,12
Data Input Rise & Fall Time (20-80%)
tr, tf
160
ps
Control Input Voltage High
VIH
2.0
VCC
V
Control Input Voltage Low
VIL
VEE
0.8
V
Power Supply Noise
NP
200
mVP-P
4, Figure 8
Data I/O Coupling Capacitors
CAC
0.1
µF
5, Figure 9
Receiver Differential Data Output Load
RDL
100
W
Figure 9
Transmitter Input Electrical
Deterministic Jitter
DJ
0.15
48
UI
ps
Transmitter Input Electrical Total Jitter
TJ
0.33
106
UI
ps
Notes:
1. This is the maximum voltage that can be applied across the Transmitter Differential Data Inputs without damaging the input circuit.
2. Case Temperature is measured as indicated in Figure 2.
3. Data inputs are CML compatible. Coupling capacitors are required to block dc. DVDIN p-p = DVDINH - DVDINL, where DVDINH = High State Dif-
ferential Data Input Voltage and DVDINL = Low State Differential Data Input Voltage.
4. Power Supply Noise is defined at the supply side of the recommended filter for all VCC supplies over the frequency range from 500 Hz to 2700
MHz with the recommended power supply filter in place.
5. For data patterns with restricted run lengths, e.g. 8B10B encoded data, smaller value capacitors may provide acceptable results.
6. 8B/10B encoded
Recommended Operating Conditions
Recommended Operating Conditions specify conditions for which the optical and electrical characteristics hold. Optical and
electrical characteristics are not specified for operation beyond the Recommended Operating Conditions, reliability is not im-
plied and damage to the device may occur for such operation over an extended time period.


Similar Part No. - HFBR-7934WZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7934WZ AVAGO-HFBR-7934WZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
More results

Similar Description - HFBR-7934WZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7934EWZ AVAGO-HFBR-7934EWZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
HFBR-7934Z AVAGO-HFBR-7934Z Datasheet
447Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7924Z AVAGO-HFBR-7924Z Datasheet
443Kb / 17P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Avago Technologies METRAK family
HFBR-7924EWZ AVAGO-HFBR-7924EWZ Datasheet
586Kb / 17P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Avago Technologies METRAK family
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com