Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1051993 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1051993
Description  Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81 - 1851070
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1051993 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1051993 Datasheet HTML 1Page - PHOENIX CONTACT 1051993 Datasheet HTML 2Page - PHOENIX CONTACT 1051993 Datasheet HTML 3Page - PHOENIX CONTACT 1051993 Datasheet HTML 4Page - PHOENIX CONTACT 1051993 Datasheet HTML 5Page - PHOENIX CONTACT 1051993 Datasheet HTML 6Page - PHOENIX CONTACT 1051993 Datasheet HTML 7Page - PHOENIX CONTACT 1051993 Datasheet HTML 8Page - PHOENIX CONTACT 1051993 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
https://www.phoenixcontact.com/us/products/1851070
12/29/13   Page 2 / 10
Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81 - 1851070
Technical data
General
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
160 V
Rated voltage (III/2)
160 V
Rated voltage (II/2)
320 V
Connection in acc. with standard
EN-VDE
Nominal current IN
8 A
Nominal cross section
1.5 mm²
Maximum load current
8 A (with 1.5 mm² conductor cross section)
Insulating material
PA
Inflammability class according to UL 94
V0
Internal cylindrical gage
A1
Stripping length
9 mm
Number of positions
5
Connection data
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section stranded min.
0.14 mm²
Conductor cross section stranded max.
1.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 1.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
0.5 mm²
Conductor cross section AWG/kcmil min.
26
Conductor cross section AWG/kcmil max
16
Minimum AWG according to UL/CUL
28
Maximum AWG according to UL/CUL
16
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402


Similar Part No. - 1051993

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1051993 PHOENIX-1051993 Datasheet
150Kb / 4P
   MSTBV 2,5/ 3-GF-5,08 AU
1051993 PHOENIX-1051993 Datasheet
149Kb / 8P
   MSTB 2,5/ 8-ST-5,08
1051993 PHOENIX-1051993 Datasheet
147Kb / 5P
   MC 1,5/12-G-3,81
1051993 PHOENIX-1051993 Datasheet
157Kb / 6P
   MKDS 5/ 2-6,35
1051993 PHOENIX-1051993 Datasheet
164Kb / 6P
   MKDSN 2,5/ 2
More results

Similar Description - 1051993

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1817453 PHOENIX-1817453 Datasheet
115Kb / 7P
   Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81-LR
1800275 PHOENIX-1800275 Datasheet
66Kb / 4P
   Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81 BK
1851203 PHOENIX-1851203 Datasheet
92Kb / 6P
   Printed-circuit board connector - FK-MCP 1,5/18-ST-3,81
1851229 PHOENIX-1851229 Datasheet
91Kb / 6P
   Printed-circuit board connector - FK-MCP 1,5/20-ST-3,81
1851041 PHOENIX-1851041 Datasheet
129Kb / 8P
   Printed-circuit board connector - FK-MCP 1,5/ 2-ST-3,81
1851148 PHOENIX-1851148 Datasheet
132Kb / 8P
   Printed-circuit board connector - FK-MCP 1,5/12-ST-3,81
1851096 PHOENIX-1851096 Datasheet
136Kb / 9P
   Printed-circuit board connector - FK-MCP 1,5/ 7-ST-3,81
1851119 PHOENIX-1851119 Datasheet
136Kb / 9P
   Printed-circuit board connector - FK-MCP 1,5/ 9-ST-3,81
1800273 PHOENIX-1800273 Datasheet
81Kb / 4P
   Printed-circuit board connector - FK-MCP 1,5/ 4-ST-3,81 BK
1817424 PHOENIX-1817424 Datasheet
114Kb / 7P
   Printed-circuit board connector - FK-MCP 1,5/ 2-ST-3,81-LR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com