Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8350MAXNOPB Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8350MAXNOPB
Description  LMP8350 Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable Power Modes
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8350MAXNOPB Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMP8350MAXNOPB Datasheet HTML 1Page - National Semiconductor (TI) LMP8350MAXNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMP8350MAXNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMP8350MAXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMP8350MAXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMP8350MAXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMP8350MAXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMP8350MAXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMP8350MAXNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LMP8350
SNOSB80B – FEBRUARY 2011 – REVISED MARCH 2013
www.ti.com
+10V Electrical Characteristics
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C, Avcl = +1, RF = RG = 1kΩ, Fully differential input, VS = +10V,
RL = 2 kΩ//20pF differentially, Input CMR and VOCM=mid supply and HP mode unless otherwise noted. Boldface limits apply
at the temperature extremes.
Symbol
Parameter
Conditions(2)
Min(3)
Typ(4)
Max(3)
Units
10V DC Characteristics
VOS
Input Offset Voltage
±4
High Power
±0.6
(RTI)
±4.05
±2
Mid Power
±0.08
mV
±2.03
±2.5
Low Power
±0.1
±2.52
TCVOS
Input Offset Voltage vs.Temperature(5)
High Power
±0.8
Mid Power
±0.5
μV/°C
Low Power
±0.4
IB
Input Bias Current
2
High Power
2.1
2.7
Mid Power
μA
3.2
3.5
Low Power
3.7
AVOL
Open Loop Gain
High Power
65
90
Mid Power
72
130
dB
Low Power
74
114
CMVR
Common Mode Voltage Range(6)
HP @ CMRR
≥73dB
1.2
8.8
MP @ CMRR
≥83dB
1.2
8.8
V
LP @ CMRR
≥77dB
1.2
8.8
CMRR
Common Mode Rejection Ratio
DC, VOCM=0,VID=0,
ΔVcm=±0.2V
High Power
75
90
dB
Medium Power
84
130
Low Power
79
114
ZIND
Differential Input Resistance
VCM = mid supply
0.48
M
CIND
Differential Input Capacitance
VCM = mid supply
1
pF
VO
Output Swing
0.75 to
High Power
0.86
9.14
(Single Ended)
9.25
0.74 to
Mid Power
0.85
9.15
V
9.26
0.81 to
Low Power
0.86
9.14
9.19
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA
(2)
For annotation brevity, “HP”=High Power, “MP”=Medium Power, “LP” =Low Power, “DIS”=Disabled or shut down, “SE”=Single Ended
Mode, “DM”=Differential Mode. See Table 1 in Applications section for power setting details. It is also assumed RG = RG1 = RG2
(3)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using the
Statistical Quality Control (SQC) method.
(4)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(5)
Drift Determined by dividing the change in parameter at temperature extremes by the total temperature change. Value is the worst case
of TaMIN to 25°C and 25°C to TaMAX.
(6)
At amplifier inputs.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP8350


Similar Part No. - LMP8350MAXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8350MAX TI1-LMP8350MAX Datasheet
522Kb / 24P
[Old version datasheet]   Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable Power Modes
LMP8350MAX TI1-LMP8350MAX Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Low Distortion Fully-Differential Precision ADC Driver
LMP8350MAX/NOPB TI1-LMP8350MAX/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Low Distortion Fully-Differential Precision ADC Driver
More results

Similar Description - LMP8350MAXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8350 TI-LMP8350_15 Datasheet
957Kb / 36P
[Old version datasheet]   LMP8350 Ultra-Low Distortion Fully-Differential Precision ADC Driver With Selectable Power Modes
LMP8350 TI1-LMP8350 Datasheet
522Kb / 24P
[Old version datasheet]   Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable Power Modes
LMP8350 TI1-LMP8350_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Low Distortion Fully-Differential Precision ADC Driver
logo
Analog Devices
ADA4938-1 AD-ADA4938-1_07 Datasheet
298Kb / 14P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrD
ADA4937-1 AD-ADA4937-1 Datasheet
248Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4938-1 AD-ADA4938-1_06 Datasheet
278Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4940-1 AD-ADA4940-1_18 Datasheet
1Mb / 30P
   Ultralow Power, Low Distortion, Fully Differential ADC Drivers
ADA4940-1 AD-ADA4940-1_16 Datasheet
1Mb / 30P
   Ultralow Power, Low Distortion, Fully Differential ADC Drivers
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
   Low Distortion Differential ADC Driver
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com