Electronic Components Datasheet Search |
|
THS4130IDGNR Datasheet(PDF) 3 Page - National Semiconductor (TI) |
|
|
THS4130IDGNR Datasheet(HTML) 3 Page - National Semiconductor (TI) |
3 / 37 page THS4130 THS4131 www.ti.com SLOS318H – MAY 2000 – REVISED MAY 2011 RECOMMENDED OPERATING CONDITIONS MIN TYP MAX UNIT Dual supply ±2.5 ±15 Supply voltage, VCC+ to VCC– V Single supply 5 30 C-suffix 0 +70 Operating free-air temperature, TA °C I-suffix –40 +85 ELECTRICAL CHARACTERISTICS (1) VCC= ±5 V, RL = 800Ω, and TA = +25°C, unless otherwise noted. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT DYNAMIC PERFORMANCE VCC = 5 Gain = 1, Rf = 390 Ω 125 Small-signal bandwidth ( –3 dB), single-ended input, VCC = ±5 Gain = 1, Rf = 390 Ω 135 differential output, VI = 63 mVPP VCC = ±15 Gain = 1, Rf = 390 Ω 150 BW MHz VCC = 5 Gain = 2, Rf = 750 Ω 80 Small-signal bandwidth ( –3 dB), single-ended input, VCC = ±5 Gain = 2, Rf = 750 Ω 85 differential output, VI = 63 mVPP VCC = ±15 Gain = 2, Rf = 750 Ω 90 SR Slew rate(2) Gain = 1 52 V/ µs Settling time to 0.1% 78 ns ts Step voltage = 2 V, gain = 1 Settling time to 0.01% 213 ns DISTORTION PERFORMANCE f = 250 kHz –95 VCC = 5 f = 1 MHz –81 f = 250 kHz –96 Total harmonic distortion, differential input, differential VCC = ±5 output, gain = 1, Rf = 390 Ω, RL = 800 Ω, VO= 2 VPP f = 1 MHz –80 f = 250 kHz –97 THD VCC = ±15 dBc f = 1 MHz –80 f = 250 kHz –91 VCC = ±5 f = 1 MHz –75 VO = 4 VPP f = 250 kHz –91 VCC = ±15 f = 1 MHz –75 VCC = ±2.5 97 VO= 2 VPP VCC = ±5 98 Spurious-free dynamic range, differential input, SFDR differential output, gain = 1, Rf = 390 Ω, VCC = ±15 99 dB RL = 800 Ω, f = 250 kHz VCC = ±5 93 VO = 4 VPP VCC = ±15 95 Third intermodulation distortion VI(PP) = 4 V, G = 1, F1 = 3 MHz, F2 = 3.5 MHz –53 dBc Third-order intercept VI(PP) = 4 V, G = 1, F1 = 3 MHz, F2 = 3.5 MHz 41.5 dB NOISE PERFORMANCE Vn Input voltage noise f = 10 kHz 1.3 nV/ √Hz In Input current noise f = 10 kHz 1 pA/ √Hz DC PERFORMANCE TA = +25°C 71 78 Open-loop gain dB TA = full range 69 TA = +25°C 0.2 2 Input offset voltage TA = full range 3 mV V(OS) Common-mode input offset voltage, referred to VOCM TA = +25°C 0.2 3.5 Input offset voltage drift TA = full range 4.5 µV/°C IIB Input bias current TA = full range 2 6 µA IOS Input offset current TA = full range 100 500 nA Offset drift 2 nA/ °C (1) The full range temperature is 0 °C to +70°C for the C-suffix, and –40°C to +85°C for the I-suffix. (2) Slew rate is measured from an output level range of 25% to 75%. Copyright © 2000–2011, Texas Instruments Incorporated 3 |
Similar Part No. - THS4130IDGNR |
|
Similar Description - THS4130IDGNR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |