Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4509QRGTRQ1 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4509QRGTRQ1
Description  WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4509QRGTRQ1 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button THS4509QRGTRQ1 Datasheet HTML 6Page - National Semiconductor (TI) THS4509QRGTRQ1 Datasheet HTML 7Page - National Semiconductor (TI) THS4509QRGTRQ1 Datasheet HTML 8Page - National Semiconductor (TI) THS4509QRGTRQ1 Datasheet HTML 9Page - National Semiconductor (TI) THS4509QRGTRQ1 Datasheet HTML 10Page - National Semiconductor (TI) THS4509QRGTRQ1 Datasheet HTML 11Page - National Semiconductor (TI) THS4509QRGTRQ1 Datasheet HTML 12Page - National Semiconductor (TI) THS4509QRGTRQ1 Datasheet HTML 13Page - National Semiconductor (TI) THS4509QRGTRQ1 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
−120
−110
−100
−90
−80
−70
−60
1
10
100
1000
f − Frequency − MHz
G=14dB,
V
=2V
OD
PP
R =100
L
W
R =200
L
W
R =1k
L
W
R =500
L
W
−120
−110
−100
−90
−80
−70
−60
1
10
100
1000
f − Frequency − MHz
G=14dB,
V
=2V
OD
PP
R =100
L
W
R =200
L
W
R =500
L
W
R =1k
L
W
-120
-110
-100
-90
-80
-70
-60
0
1
2
3
4
f=16MHz
f=8MHz
V
-V
OD
PP
f=64MHz
f=32MHz
-120
-110
-100
-90
-80
-70
-60
0
1
2
3
4
f=64MHz
f=32MHz
f=8MHz
f=16MHz
V
-V
OD
PP
V
=-1Vto1V
V
=2V
G=10dB
R
=200
CM
OD
PP
L
W
32MHz
100MHz
64MHz
16MHz
4MHz
1MHz
-1
-0.8
-0.6
-0.4
-0.2
0.4
V
− V
IC
Common-ModeOutputVoltage
0
0.2
0.6
1
0.8
-120
-100
-80
-60
-40
-20
0
150MHz
-110
-100
-90
-50
-40
-30
-1
-0.8
-0.6
-0.4
-0.2
0.4
V
− V
IC
Common-ModeOutputVoltage
0
0.2
0.6
1
0.8
V
=-1Vto1V
V
=2V
G=10dB
R
=200
CM
OD
PP
L
W
1MHz
-120
-80
-60
-70
-20
32MHz
64MHz
100MHz
150MHz
4MHz
16MHz
THS4509-Q1
SLOS547 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
HD2 vs FREQUENCY
HD3 vs FREQUENCY
Figure 7.
Figure 8.
HD2 vs OUTPUT VOLTAGE
HD3 vs OUTPUT VOLTAGE
Figure 9.
Figure 10.
HD2 vs COMMON-MODE OUTPUT VOLTAGE
HD3 vs COMMON-MODE OUTPUT VOLTAGE
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): THS4509-Q1


Similar Part No. - THS4509QRGTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509QRGTRQ1 TI1-THS4509QRGTRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4509QRGTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com