Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4509RGTTG4 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4509RGTTG4
Description  WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4509RGTTG4 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button THS4509RGTTG4 Datasheet HTML 4Page - National Semiconductor (TI) THS4509RGTTG4 Datasheet HTML 5Page - National Semiconductor (TI) THS4509RGTTG4 Datasheet HTML 6Page - National Semiconductor (TI) THS4509RGTTG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4509RGTTG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4509RGTTG4 Datasheet HTML 9Page - National Semiconductor (TI) THS4509RGTTG4 Datasheet HTML 10Page - National Semiconductor (TI) THS4509RGTTG4 Datasheet HTML 11Page - National Semiconductor (TI) THS4509RGTTG4 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
THS4509
SLOS454H – JANUARY 2005 – REVISED NOVEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS: VS+ – VS– = 5 V
Small-Signal Frequency Response
Figure 1
Large-Signal Frequency Response
Figure 2
HD2, G = 6 dB, VOD = 2 VPP
vs Frequency
Figure 3
HD3, G = 6 dB, VOD = 2 VPP
vs Frequency
Figure 4
HD2, G = 10 dB, VOD = 2 VPP
vs Frequency
Figure 5
HD3, G = 10 dB, VOD = 2 VPP
vs Frequency
Figure 6
HD2, G = 14 dB, VOD = 2 VPP
vs Frequency
Figure 7
Harmonic
Distortion
HD3, G = 14 dB, VOD = 2 VPP
vs Frequency
Figure 8
HD2, G = 10 dB
vs Output Voltage
Figure 9
HD3, G = 10 dB
vs Output Voltage
Figure 10
HD2, G = 10 dB
vs Common-Mode Input Voltage
Figure 11
HD3, G = 10 dB
vs Common-Mode Input Voltage
Figure 12
IMD2, G = 6 dB, VOD = 2 VPP
vs Frequency
Figure 13
IMD3, G = 6 dB, VOD = 2 VPP
vs Frequency
Figure 14
IMD2, G = 10 dB, VOD = 2 VPP
vs Frequency
Figure 15
Intermodulation
Distortion
IMD3, G = 10 dB, VOD = 2 VPP
vs Frequency
Figure 16
IMD2, G = 14 dB, VOD = 2 VPP
vs Frequency
Figure 17
IMD3, G = 14 dB, VOD = 2 VPP
vs Frequency
Figure 18
OIP2
vs Frequency
Figure 19
Output Intercept Point
OIP3
vs Frequency
Figure 20
0.1-dB Flatness
Figure 21
S-Parameters
vs Frequency
Figure 22
Transition Rate
vs Output Voltage
Figure 23
Transient Response
Figure 24
Settling Time
Figure 25
Rejection Ratio
vs Frequency
Figure 26
Output Impedance
vs Frequency
Figure 27
Overdrive Recovery
Figure 28
Output Voltage Swing
vs Load Resistance
Figure 29
Turn-Off Time
Figure 30
Turn-On Time
Figure 31
Input Offset Voltage
vs Input Common-Mode Voltage
Figure 32
Open-Loop Gain
vs Frequency
Figure 33
Input-Referred Noise
vs Frequency
Figure 34
Noise Figure
vs Frequency
Figure 35
Quiescent Current
vs Supply Voltage
Figure 36
Power-Supply Current
vs Supply Voltage in Power-Down Mode
Figure 37
Output Balance Error
vs Frequency
Figure 38
CM Input Impedance
vs Frequency
Figure 39
CM Small-Signal Frequency Response
Figure 40
CM Input Bias Current
vs CM Input Voltage
Figure 41
Differential Output Offset Voltage
vs CM Input Voltage
Figure 42
Output Common-Mode Offset
vs CM Input Voltage
Figure 43
8
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4509


Similar Part No. - THS4509RGTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509RGTT TI-THS4509RGTT Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4509RGTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com