Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4511-SP Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4511-SP
Description  RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4511-SP Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button THS4511-SP Datasheet HTML 5Page - National Semiconductor (TI) THS4511-SP Datasheet HTML 6Page - National Semiconductor (TI) THS4511-SP Datasheet HTML 7Page - National Semiconductor (TI) THS4511-SP Datasheet HTML 8Page - National Semiconductor (TI) THS4511-SP Datasheet HTML 9Page - National Semiconductor (TI) THS4511-SP Datasheet HTML 10Page - National Semiconductor (TI) THS4511-SP Datasheet HTML 11Page - National Semiconductor (TI) THS4511-SP Datasheet HTML 12Page - National Semiconductor (TI) THS4511-SP Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
www.ti.com
40
50
60
70
80
90
100
0
50
100
150
200
f − Frequency − MHz
VOD = 2 Vpp Envelope
200 kHz Tone Spacing
RL = 100 Ω
20
25
30
35
40
45
50
0
50
100
150
200
f − Frequency − MHz
VOD = 2 Vpp Envelope
200 kHz Tone Spacing
RL = 100 Ω
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
0
10
20
30
40
50
60
70
80
90
100
t − Time − ns
G = 6 dB
RL = 200 Ω
VOD = 2 VPP
0
1000
2000
3000
4000
5000
6000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VOD − Differential Output Voltage − Vpp
RL = 200 Ω
Falling
Rising
−4
−2
0
2
4
t − Time − 100ns/div
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
Input
Output
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
f − Frequency − MHz
PSRR+
CMRR
THS4511–SP
SLOS538A – SEPTEMBER 2007 – REVISED OCTOBER 2007
OIP2 vs FREQUENCY
OIP3 vs FREQUENCY
Figure 13.
Figure 14.
TRANSITION RATE vs OUTPUT VOLTAGE
TRANSIENT RESPONSE
Figure 15.
Figure 16.
REJECTION RATIOS vs FREQUENCY
OVERDRIVE RECOVERY
Figure 17.
Figure 18.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS4511–SP


Similar Part No. - THS4511-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4511-SP TI1-THS4511-SP Datasheet
850Kb / 24P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4511-SP TI-THS4511-SP Datasheet
914Kb / 25P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4511-SP TI-THS4511-SP Datasheet
1Mb / 31P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4511-SP TI-THS4511-SP_V01 Datasheet
914Kb / 25P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4511-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4513-SP TI1-THS4513-SP Datasheet
1Mb / 30P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4511-SP TI-THS4511-SP_V01 Datasheet
914Kb / 25P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4511-SP TI1-THS4511-SP Datasheet
850Kb / 24P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4513-SP TI-THS4513-SP_V01 Datasheet
1Mb / 31P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4304-SP TI1-THS4304-SP Datasheet
836Kb / 22P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND OPERATIONAL AMPLIFIER
SN55182-SP TI1-SN55182-SP Datasheet
353Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS V, DUAL DIFFERENTIAL LINE RECEIVER
SN55183-SP TI1-SN55183-SP Datasheet
222Kb / 12P
[Old version datasheet]   RAD-TOLERANT CLASS V, DUAL DIFFERENTIAL LINE DRIVER
THS4500-EP TI1-THS4500-EP_15 Datasheet
643Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com