Electronic Components Datasheet Search |
|
THS7530PWP Datasheet(PDF) 3 Page - National Semiconductor (TI) |
|
|
THS7530PWP Datasheet(HTML) 3 Page - National Semiconductor (TI) |
3 / 24 page THS7530 www.ti.com SLOS405C – DECEMBER 2002 – REVISED FEBRUARY 2010 SPECIFICATIONS: MAIN AMPLIFIER VS+ = 5 V, VS- = 0 V, VOCM = 2.5 V, VICM = 2.5 V, VG- = 0 V, VG+ = 1 V (maximum gain), TA = 25°C, ac performance measured using the ac test circuit shown in Figure 1 (unless otherwise noted). DC performance is measured using the dc test circuit shown in Figure 2 (unless otherwise noted) TYP OVER TEMPERATURE PARAMETER TEST CONDITIONS -40°C to MIN/ +25°C +25°C UNITS +85°C MAX AC PERFORMANCE (See Figure 1) Small-signal bandwidth All gains, PIN = –45 dBm 300 MHz Typ 1-VPP Step, 25% to 75%, minimum Slew rate(1) 1250 V/µs Typ gain Settling time to 1% (1) 1-VPP Step, minimum gain 11 ns Typ Harmonic distortion VO(PP) = 1 V, RL(diff)= 400 Ω 2nd Harmonic f = 32 MHz –65 dBc Typ 3rd Harmonic f = 32 MHz –61 dBc Typ PO = –10 dBm each tone, Third-order intermodulation distortion –62 dBc Typ fC= 70 MHz, 200-kHz tone spacing Third-order output intercept point fC= 70 MHz, 200-kHz tone spacing 21 dBm Typ Noise figure (with input termination) Source impedance: 50 Ω 9 dB Typ Total input voltage noise f > 100 kHz 1.1 nV/ √Hz Typ DC PERFORMANCE—INPUTS (See Figure 2) Input bias current 20 39 40 µA Max Input bias current offset <150 pA Typ Minimum input voltage Minimum gain 1.5 1.6 1.7 V Max Maximum input voltage Minimum gain 3.5 3.35 3.2 V Min Common-mode rejection ratio 114 56 44 dB Min Differential input impedance 8.5 || 3.0 k Ω || pF Typ DC PERFORMANCE—OUTPUTS (See Figure 2) Output offset voltage All gains ±100 ±340 ±480 mV Max Maximum output voltage high 3.5 3.275 3.25 V Min Minimum output voltage low 1.5 1.7 1.8 V Max Output current ±37 ±16 ±16 mA Min Output impedance 15 Ω Typ OUTPUT COMMON-MODE VOLTAGE CONTROL (See Figure 2) Small-signal bandwidth 32 MHz Typ Gain 1.00 V/V Typ Common-mode offset voltage 4.5 12 13.8 mV Max Minimum input voltage 1.75 V Typ Maximum input voltage 3.25 V Typ Input impedance 25 || 1 k Ω || pF Typ Default voltage, with no connect 2.5 V Typ Input bias current <1 µA Typ (1) Slew rate and settling time measured at amplifier output. Copyright © 2002–2010, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): THS7530 |
Similar Part No. - THS7530PWP |
|
Similar Description - THS7530PWP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |