Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7530PWPRG4 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS7530PWPRG4
Description  HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS7530PWPRG4 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button THS7530PWPRG4 Datasheet HTML 6Page - National Semiconductor (TI) THS7530PWPRG4 Datasheet HTML 7Page - National Semiconductor (TI) THS7530PWPRG4 Datasheet HTML 8Page - National Semiconductor (TI) THS7530PWPRG4 Datasheet HTML 9Page - National Semiconductor (TI) THS7530PWPRG4 Datasheet HTML 10Page - National Semiconductor (TI) THS7530PWPRG4 Datasheet HTML 11Page - National Semiconductor (TI) THS7530PWPRG4 Datasheet HTML 12Page - National Semiconductor (TI) THS7530PWPRG4 Datasheet HTML 13Page - National Semiconductor (TI) THS7530PWPRG4 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
-
-
-
-
-
10
20
30
40
50
60
-
0.1
1
10
100
1000
f
Frequency
MHz
-
-
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
f
Frequency
MHz
-
-
25
20
15
10
5
0
0.1
1
10
100
f
Frequency
MHz
-
-
1.5
1.0
0.5
0
0.5
1.0
1.5
-
-
-
0
200
400
600
800
1000
t
Time
ns
-
-
AtAmplifierOutputandMinimumGain
R =400 W
L
1.5
1.0
0.5
0
0.5
1.0
1.5
-
-
-
0
2
4
6
8
10
12
t
Time
ns
-
-
AmplifierOutputatMinimumGain
R =400 W
L
1.5
1.0
0.5
0
0.5
1.0
1.5
-
-
-
0
2
4
6
8
10
12
t
Time
ns
-
-
AmplifierOutputatMinimumGain
R =400
L
W
THS7530
SLOS405C – DECEMBER 2002 – REVISED FEBRUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VG+ INPUT IMPEDANCE
VOCM INPUT IMPEDANCE
COMMON-MODE REJECTION RATIO
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 14.
Figure 15.
Figure 16.
STEP RESPONSE
STEP RESPONSE: RISING EDGE
STEP RESPONSE: FALLING EDGE
Figure 17.
Figure 18.
Figure 19.
10
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): THS7530


Similar Part No. - THS7530PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7530PWPRG4 TI-THS7530PWPRG4 Datasheet
200Kb / 16P
[Old version datasheet]   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
More results

Similar Description - THS7530PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7530 TI-THS7530 Datasheet
200Kb / 16P
[Old version datasheet]   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
THS7530-Q1 TI1-THS7530-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   THS7530-Q1 High-Speed, Fully Differential, Continuously Variable Gain Amplifier
PGA870 TI-PGA870 Datasheet
1Mb / 24P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
National Semiconductor ...
PGA870 NSC-PGA870 Datasheet
2Mb / 39P
   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Texas Instruments
PGA870 TI-PGA870_10 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
   DIFFERENTIAL VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
LMH2832 TI1-LMH2832 Datasheet
1Mb / 46P
[Old version datasheet]   LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
logo
M/A-COM Technology Solu...
MAAM-010399 MA-COM-MAAM-010399 Datasheet
377Kb / 6P
   Differential CATV Variable Gain Amplifier
MAAM-011122 MA-COM-MAAM-011122 Datasheet
666Kb / 9P
   Differential CATV Variable Gain Amplifier
MAAM-010399 MA-COM-MAAM-010399_15 Datasheet
1Mb / 9P
   Differential CATV Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com