Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA6203 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # PA6203
Description  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA6203 Datasheet(HTML) 3 Page - Unisonic Technologies

  PA6203 Datasheet HTML 1Page - Unisonic Technologies PA6203 Datasheet HTML 2Page - Unisonic Technologies PA6203 Datasheet HTML 3Page - Unisonic Technologies PA6203 Datasheet HTML 4Page - Unisonic Technologies PA6203 Datasheet HTML 5Page - Unisonic Technologies PA6203 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PA6203
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-A16.a
ABSOLUTE MAXIMUM RATING (Over operating free-air temperature range, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.3~6
V
Input Voltage
INx and SHUTDOWN Pins
VI
-0.3~VDD+0.3
V
Continuous Total Power Dissipation
PD
Internally Limited
Operating Free-air Temperature
TA
-40~85
°C
Junction Temperature
TJ
-40~125
°C
Storage Temperature
TSTG
-65~150
°C
Lead Temperature From Case For 10 Seconds
260
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
42.3
°C/W
Junction to Case
θJC
12
C/W
RECOMMENDED OPERATING CONDITIONS
PACKAGE
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
2.5
5.5
V
High-Level Input Voltage
SHUTDOWN
VIH
2
V
Low-Level Input Voltage
SHUTDOWN
VIL
0.8
V
Common-Mode Input Voltage
V=2.5V, 5.5V,
CMRR≤-60dB
VIC
0.5
VDD-0.8
V
Operating Free-Air Temperature
TA
-40
85
°C
Load Impedance
ZL
6.4
8
ELECTRICAL CHARACTERISTICS (TA=25°C, Gain=1V/V, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Offset Voltage
(Measured Differentially)
|VOO|
VI=0V, VDD=2.5V~5.5V
9
mV
Power Supply Rejection Radio
PSRR VDD=2.5V~5.5V
-90
-70
dB
Common Mode Rejection Ratio
CMRR
VDD=3.6V~5.5V,
VIC=0.5V~VDD-0.8
-70
-65
dB
VDD=2.5V, VIC=0.5V~1.7V
-62
-55
Low-Level Output Voltage
VOL
RL=8Ω, VIN+=VDD,
VIN-=0V or VIN+=0V,
VIN-=VDD
VDD=5.5V
0.30
0.46
V
VDD=3.6V
0.22
VDD=2.5V
0.19
0.26
High-Level Output Voltage
VOH
RL=8Ω, VIN+=VDD,
VIN-=0V or VIN+=0V,
VIN-=VDD
VDD=5.5V
4.8
5.12
V
VDD=3.6V
3.28
VDD=2.5V
2.1
2.24
High-Level Input Current
|IIH|
VDD=5.5V, VI=5.8V
1.2
μA
Low-Level Input Current
|IIL|
VDD=5.5V, VI=-0.3V
1.2
μA
Supply Current
IDD
SHUTDOWN=2V,
VDD=2.5V~5.5V, No Load
1.7
2
mA
Supply Current in Shutdown Mode
IDD(SD)
SHUTDOWN=0.8V,
VDD=2.5V~5.5V, No Load
0.01
0.9
μA


Similar Part No. - PA6203

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA6203G-SH2-R UTC-PA6203G-SH2-R Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6203G-SH2-T UTC-PA6203G-SH2-T Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6203L-SH2-R UTC-PA6203L-SH2-R Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6203L-SH2-T UTC-PA6203L-SH2-T Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6203 UTC-PA6203_15 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Similar Description - PA6203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6205A1 TI1-TPA6205A1 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6203 UTC-PA6203_15 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com