Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMXS-4202S Datasheet(PDF) 1 Page - Sanken electric

Part # FMXS-4202S
Description  Fast Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMXS-4202S Datasheet(HTML) 1 Page - Sanken electric

  FMXS-4202S Datasheet HTML 1Page - Sanken electric FMXS-4202S Datasheet HTML 2Page - Sanken electric FMXS-4202S Datasheet HTML 3Page - Sanken electric FMXS-4202S Datasheet HTML 4Page - Sanken electric FMXS-4202S Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
http://www.sanken-ele.co.jp
FMXS-4202S
June, 2011
Fast Recovery Diode
The information included herein is believed to be accurate and reliable. However, SANKEN ELECTRIC CO., LTD assumes no
responsibility for its use ; nor for any infringements of patents or other rights of third parties that may result from its use.
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 1
SANKEN ELECTRIC
General Description
FRD that has excellent high speed performance is
incorporated into the TO-3PF at high current package.
It achieved a balance between high speed at high
temperature operates and low-VF.
Package
(TO-3PF 3pin)
Applications
・ A DC-DC converters.
・ A high current secondary rectifier.
・ A high frequencies rectifier circuit, etc.
Key Specifications
Item
Unit
Rating
Conditions
VRM
V
200
VF
V
1.05
IF=10A
IF(AV)
A
20
trr
ns
30
Features
・ An ultrafast recovery diode.
・ A balance low-VF and high speed performance at
high temperature.
・ A great radiation performance due to high-current
package.
・ A great isolation performance due to full mold
package.
Typical Characteristics
VF-IF&VR-IR show ratings per one chip.
150°C
100°C
60°C
25°C
60°C
150°C
100°C
25°C


Similar Part No. - FMXS-4202S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMXS-4202S SANKEN-FMXS-4202S Datasheet
355Kb / 5P
   Fast Recovery Diode
More results

Similar Description - FMXS-4202S

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com