Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W4D300-CA02-02 Datasheet(PDF) 5 Page - ebm-papst

Part # W4D300-CA02-02
Description  AC axial fans
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

W4D300-CA02-02 Datasheet(HTML) 5 Page - ebm-papst

  W4D300-CA02-02 Datasheet HTML 1Page - ebm-papst W4D300-CA02-02 Datasheet HTML 2Page - ebm-papst W4D300-CA02-02 Datasheet HTML 3Page - ebm-papst W4D300-CA02-02 Datasheet HTML 4Page - ebm-papst W4D300-CA02-02 Datasheet HTML 5Page - ebm-papst W4D300-CA02-02 Datasheet HTML 6Page - ebm-papst W4D300-CA02-02 Datasheet HTML 7Page - ebm-papst W4D300-CA02-02 Datasheet HTML 8Page - ebm-papst W4D300-CA02-02 Datasheet HTML 9Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC axial fans
A-Range, Ø 300
- Material: sheet steel (coated in black)
- Direction of rotation: direction of air flow "V" counter-clockwise,
direction of air flow "A" clockwise
- Type of protection: IP 44
ebm-papst · Mulfingen
Type
*2D 300(1)
*2E 300
*4D 300(1)
*4E 300
*4S 300
Motor
M2D068-EC
M2E 068-EC
M4D068-DF
M4E 068-DF
M4S068-DF
VAC
Hz
m3/h
min-1
W
A
µF/VDB
dB(A)
Pa
°C
kg
230/400
50
2760
2650
180
0,31
---
76
150
60
230/400
60
2940
2800
270
0,41
---
77
100
40
230
50
2440
2650
140
0,62
5,0 / 400
75
150
55
230
60
2700
2900
190
0,83
5,0 / 400
78
150
50
230/400
50
1740
1370
85
0,21
---
66
100
55
230/400
60
1910
1520
110
0,22
---
68
110
40
230
50
1690
1350
95
0,44
3,0 / 400
65
120
45
230
60
1830
1450
105
0,47
2,0 / 400
66
100
40
230
50
1440
1380
94
0,67
---
62
75
30
230
60
1600
1550
94
0,67
---
64
60
40
Nominal data
subject to alterations
(1) current draw established at 400 VAC (Y)
64
5
Characteristics
Characteristics
400
800
1200
1600
0
250
500
750
[CFM]
1000
20
40
60
80
100
120
[m
3/h]
60 Hz
50 Hz
2
1
1
2 2
1
3
4
5
600
1200
1800
2400
0
400
800
1200
[CFM]
40
80
160
120
[m
3/h]
60 Hz
50 Hz
2
2
1
1
1
2
2610
190
2535
220
2600
149
2530
162
1360
86
1345
94
1345
96
1315
101
n
[min
-1]
P1
[W]
n
[min
-1]
P1
[W]
1
2
1
2
2
2
1
2
1
2
4
4
1
2
3
4
1
1
2
2
4
4
4
4
3
3
4
4
5
5
1375
92
1360
94
1
2
2,7
2,5
2,3
2,3
2,1


Similar Description - W4D300-CA02-02

ManufacturerPart #DatasheetDescription
logo
ETRI
125XL0282010 ETRI-125XL0282010_15 Datasheet
258Kb / 1P
   AC Axial Fans
125XR5182002 ETRI-125XR5182002_11 Datasheet
166Kb / 1P
   AC Axial Fans
125XL0182001 ETRI-125XL0182001 Datasheet
185Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000_15 Datasheet
1Mb / 1P
   AC Axial Fans
113XN0181000 ETRI-113XN0181000_12 Datasheet
162Kb / 1P
   AC Axial Fans
99XM0182001 ETRI-99XM0182001 Datasheet
189Kb / 1P
   AC Axial Fans
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
   AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
   AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
   AC Axial Fans
logo
ebm-papst
4850Z EBMPAPST-4850Z_17 Datasheet
134Kb / 1P
   AC axial fans
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com