Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD075-LO81 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # SMD075-LO81
Description  Mid-Power LED Light Source
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

SMD075-LO81 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  SMD075-LO81 Datasheet HTML 1Page - Lumileds Lighting Company SMD075-LO81 Datasheet HTML 2Page - Lumileds Lighting Company SMD075-LO81 Datasheet HTML 3Page - Lumileds Lighting Company SMD075-LO81 Datasheet HTML 4Page - Lumileds Lighting Company SMD075-LO81 Datasheet HTML 5Page - Lumileds Lighting Company SMD075-LO81 Datasheet HTML 6Page - Lumileds Lighting Company SMD075-LO81 Datasheet HTML 7Page - Lumileds Lighting Company SMD075-LO81 Datasheet HTML 8Page - Lumileds Lighting Company SMD075-LO81 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SignalSure Datasheet DS11 20121212
3
Product Nomenclature
The part number designation is explained as follows:
S M D A B C - D E F G - x x y y y
Where:
SMD — designates the product type
ABC — designates the current bin (75 mA)
D
— designates the package type (L = Lambertian)
E
— designates the color (O = Red-Orange, A = Amber)
F
— indicates the chip information, binning and packaging scheme
G
— indicates the binning and testing scheme
xx
— designates the minimum flux and bin code
yyy — option code (standard part number = 000)
Test Conditions for Optical Characteristics at Junction Temperature
Philips Lumileds tests SignalSure emitters for 20ms integration time at T
a = 25ºC.This datasheet specifies performance at a constant temperature
of 25°C, except where noted.
Environmental Compliance
Philips Lumileds is committed to providing environmentally friendly products to the solid-state lighting market. SignalSure is compliant to the
European Union directives on the restriction of hazardous substances in electronic equipment, namely the RoHS directive. Philips Lumileds will not
intentionally add the following restricted materials to SignalSure: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (PBB) or
polybrominated biphenyl ethers (PBDE).
Product Selection Guide
Table 1.
Typical Viewing Angle [2]
LED Color
Part Number [1]
Drive Current Range
(degrees)
2u ½
SMD075-LO81
75 mA
120
SMD075-LA81
75 mA
120
Notes for Table 1:
1. SignalSure test current is at 75 mA.
2. 2u ½ viewing angle is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.
General Information
Amber
Red-Orange


Similar Part No. - SMD075-LO81

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMD075-2 ETC1-SMD075-2 Datasheet
313Kb / 4P
   PolySwitch SMD
More results

Similar Description - SMD075-LO81

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
   High power LED light source
LTPL-P033DS50 LITEON-LTPL-P033DS50 Datasheet
197Kb / 13P
   High power LED light source
LOPL-E001W LITEON-LOPL-E001W Datasheet
314Kb / 12P
   High power LED light source
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MX20 AVAGO-ASMT-MX20 Datasheet
173Kb / 7P
   3W Power LED Light Source
logo
Lite-On Technology Corp...
LOPL-E001G LITEON-LOPL-E001G Datasheet
294Kb / 12P
   High power LED light source
LTPL-P033WS57 LITEON-LTPL-P033WS57 Datasheet
201Kb / 14P
   High power LED light source
LOPL-E011WA LITEON-LOPL-E011WA Datasheet
248Kb / 12P
   High power LED light source
LOPL-E011RA LITEON-LOPL-E011RA Datasheet
237Kb / 12P
   High power LED light source
LOPL-E001A LITEON-LOPL-E001A Datasheet
316Kb / 12P
   High power LED light source
LOPL-E001B LITEON-LOPL-E001B Datasheet
316Kb / 12P
   High power LED light source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com