Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCAM-II Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # UCAM-II
Description  Serial Camera Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UCAM-II Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button UCAM-II Datasheet HTML 6Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 7Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 8Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 9Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 10Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 11Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 12Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 13Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
4D SYSTEMS
µCAM-II
© 2014 4D SYSTEMS
Page 10 of 22
www.4dsystems.com.au
6.5. SET BAUD RATE (AA07h)
The host can set the Baud rates using this command. Use the table below as a guide.
6.5.1. Baud Rates
Baud Rate
1st Divider
2nd Divider
2400
31 (0x1F)
47 (0x2F)
4800
31 (0x1F)
23 (0x17)
9600
31 (0x1F)
11 (0x0B)
19200
31 (0x1F)
5
38400
31 (0x1F)
2
57600
31 (0x1F)
1
115200
31 (0x1F)
0
153600
7
2
230400
7
1
460800
7
0
921600
1
1
1228800
2
0
1843200
1
0
3686400
0
0
Note: 3686400 baud is not achievable using the 4D programming cable or the PA5 due to the USB to Serial IC’s
used. To utilise this high speed baud rate, please check your serial port/device can handle this baud rate.
6.6. RESET (AA08h)
The host can reset the uCAM-II by issuing this command.
6.6.1. Reset Type
00h
Resets the whole system. The uCAM-II will reboot and reset all registers and state machines.
01h
Resets the state machines only.
6.7. DATA (AA0Ah)
The uCAM-II issues this command to inform the host the type and the size of the image data which is ready for
transmitting to the host.
6.7.1. Data Type
Snapshot Picture
01h
RAW Picture
02h
JPEG Picture
05h
6.7.2. Length
These three bytes represent the length of data of the Picture that is ready for transmission back to the host.
6.8. SYNC (AA0Dh)
The host issues this command to make a connection. The ACK command must be received after sending this
command. Refer to Section 5.2 for more details.


Similar Part No. - UCAM-II

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UCAM-120 ADVANTECH-UCAM-120 Datasheet
482Kb / 2P
   2D Smart Counting Camera
UCAM-120A-U01 ADVANTECH-UCAM-120A-U01 Datasheet
482Kb / 2P
   2D Smart Counting Camera
UCAM-130 ADVANTECH-UCAM-130 Datasheet
1Mb / 2P
   (3D Smart Counting Camera)
10-May-2018
UCAM-130A-U01 ADVANTECH-UCAM-130A-U01 Datasheet
1Mb / 2P
   (3D Smart Counting Camera)
10-May-2018
UCAM-220TT-U01 ADVANTECH-UCAM-220TT-U01 Datasheet
462Kb / 2P
   AMiS Thermography Cart
29-Jun-2020
More results

Similar Description - UCAM-II

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
CMV-61CX MITSUMI-CMV-61CX Datasheet
46Kb / 2P
   Camera module
logo
Toshiba Semiconductor
TCM8230MD TOSHIBA-TCM8230MD Datasheet
950Kb / 27P
   VGA CAMERA MODULE
logo
Mitsumi Electronics, Co...
CAM-G95 MITSUMI-CAM-G95 Datasheet
633Kb / 2P
   Camera Module Connectors
logo
List of Unclassifed Man...
TCM-500A ETC2-TCM-500A Datasheet
377Kb / 1P
   5MP Camera Module
logo
Mitsumi Electronics, Co...
CAM-F9 MITSUMI-CAM-F9 Datasheet
499Kb / 2P
   Camera Module Connectors
logo
Cypress Semiconductor
ACM100 CYPRESS-ACM100 Datasheet
338Kb / 20P
   Automotive Camera Module
logo
List of Unclassifed Man...
MUC201 ETC2-MUC201 Datasheet
109Kb / 1P
   Color Camera Module
logo
STMicroelectronics
VX6852 STMICROELECTRONICS-VX6852 Datasheet
57Kb / 4P
   QXGA EDOF camera module
VS6524 STMICROELECTRONICS-VS6524 Datasheet
56Kb / 3P
   VGA Mobile Camera Module
logo
Leopard Imaging Inc.
LI-USB30-C570X LEOPARD-LI-USB30-C570X Datasheet
164Kb / 2P
   USB 3.0 Camera Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com