Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3N210 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 3N210
Description  N-CHANNEL DUAL GATE MOS FIELD EFFECT TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

3N210 Datasheet(HTML) 2 Page - Digitron Semiconductors

  3N210 Datasheet HTML 1Page - Digitron Semiconductors 3N210 Datasheet HTML 2Page - Digitron Semiconductors 3N210 Datasheet HTML 3Page - Digitron Semiconductors 3N210 Datasheet HTML 4Page - Digitron Semiconductors 3N210 Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
3N209-3N210
N-CHANNEL DUAL GATE MOS FIELD EFFECT TRANSISTORS
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
SMALL SIGNAL CHARACTERISTICS
Forward transfer admittance
(VDS = 15Vdc, VG2S = 4.0Vdc, ID = 10mAdc, f = 1.0kHz)
yfs
10
13
20
mmhos
Input capacitance
(VDS = 15Vdc, VG2S = 4.0Vdc, ID ≥ 5.0mAdc, f = 1.0MHz)
Ciss
-
4.5
7.0
pF
Reverse transfer capacitance
(VDS = 15Vdc, VG2S = 4.0Vdc, ID ≥ 5.0mAdc, f = 1.0MHz)
Crss
0.005
0.023
0.030
pF
Output capacitance
(VDS = 15Vdc, VG2S = 4.0Vdc, ID ≥ 5.0mAdc, f = 1.0MHz)
Coss
0.5
2.0
4.0
pF
Common source noise figure
(VDS = 15Vdc, VG2S = 4.0Vdc, ID ≥ 10mAdc, f = 500MHz)
NF
-
4.5
6.0
dB
Common source power gain
(VDS = 15Vdc, VG2S = 4.0Vdc, ID ≥ 10mAdc, f = 500MHz)
Gps
10
13
20
dB
Bandwidth
(VDS = 15Vdc, VG2S = 4.0Vdc; ID = 10mAdc, f = 500MHz)
BW
7.0
-
17
MHz
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120705


Similar Part No. - 3N210

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
3N211 MOTOROLA-3N211 Datasheet
69Kb / 2P
   Dual Gate Mosfet VHF Amplifier(N-Channel, Depletion)
logo
New Jersey Semi-Conduct...
3N211 NJSEMI-3N211 Datasheet
149Kb / 1P
   DUAL-GATE MOSFET VHF AMPLIFIER
logo
Digitron Semiconductors
3N211 DIGITRON-3N211 Datasheet
103Kb / 2P
   DUAL-GATE VHF AMPLIFIER DUAL-GATE VHF AMPLIFIER
logo
American Microsemicondu...
3N211 AMMSEMI-3N211 Datasheet
116Kb / 1P
   Discrete Semiconductors
logo
Motorola, Inc
3N212 MOTOROLA-3N212 Datasheet
69Kb / 2P
   Dual Gate Mosfet VHF Amplifier(N-Channel, Depletion)
More results

Similar Description - 3N210

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MFE212 MOTOROLA-MFE212 Datasheet
496Kb / 5P
   N-CHANNEL DUAL-GATE SILICON-NITRIDE PASSIVATED MOS FIELD-EFFECT TRANSISTORS
logo
Digitron Semiconductors
MFE211 DIGITRON-MFE211 Datasheet
1Mb / 5P
   N-CHANNEL DUAL GATE SILICON NITRIDE PASSIVATED MOS FIELD EFFECT TRANSISTORS
logo
New Jersey Semi-Conduct...
MFE211 NJSEMI-MFE211 Datasheet
98Kb / 2P
   N-. HANNEL DUAL-GATE SILICON-NITRIDE PASSIVATED MOS FIELD-EFFECT TRANSISTORS
logo
Toshiba Semiconductor
RFM03U3P TOSHIBA-RFM03U3P Datasheet
274Kb / 6P
   Field Effect Transistors Silicon N-Channel MOS
RFM06U3X TOSHIBA-RFM06U3X Datasheet
297Kb / 6P
   Field Effect Transistors Silicon N-Channel MOS
logo
Renesas Technology Corp
2SK1493 RENESAS-2SK1493 Datasheet
589Kb / 11P
   N-CHANNEL MOS FIELD EFFECT POWER TRANSISTORS
1993
2SK1495 RENESAS-2SK1495 Datasheet
592Kb / 11P
   N-CHANNEL MOS FIELD EFFECT POWER TRANSISTORS
1993
logo
NTE Electronics
NTE455 NTE-NTE455 Datasheet
79Kb / 2P
   N−Channel Silicon Dual−Gate MOS Field Effect Transistor
logo
List of Unclassifed Man...
RFK35N08 ETC1-RFK35N08 Datasheet
220Kb / 4P
   POWER MOS FIELD - EFFECT TRANSISTORS, N - CHANNEL ENHANCEMENT - MODE POWER FIELD - EFFECT TRANSISTORS
RFH35N08 ETC1-RFH35N08 Datasheet
217Kb / 4P
   POWER MOS FIELD - EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE POWER FIELD - EFFECT TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com