Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4870 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 2N4870
Description  PN UNIJUNCTION TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N4870 Datasheet(HTML) 1 Page - Digitron Semiconductors

  2N4870 Datasheet HTML 1Page - Digitron Semiconductors 2N4870 Datasheet HTML 2Page - Digitron Semiconductors 2N4870 Datasheet HTML 3Page - Digitron Semiconductors 2N4870 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N4870-2N4871
PN UNIJUNCTION TRANSISTORS
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
RMS power dissipation(1)
PD
300
mW
RMS emitter current
Ie
50
mA
Peak pulse emitter current(2)
ie
1.5
Amp
Emitter reverse voltage
VB2E
30
Volts
Interbase voltage †
VB2B1
35
Volts
Operating junction temperature range
TJ
-55 to 125
°C
Storage temperature range
Tstg
-55 to 150
°C
Note 1: Derate 3.04mW/°C increase in ambient temperature.
Note 2: Duty cycle ≤ 1%. PRR = 10PPS.
† Base upon power dissipation at TA = 25°C.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Intrinsic standoff ratio
(VB2B1 = 10V)(1)
2N4870
2N4871
η
0.56
0.70
-
-
0.75
0.85
-
Interbase resistance
(VB2B1 = 3.0V, IE = 0)
RBB
4.0
6.0
9.1
kohms
Interbase resistance temperature coefficient
(VB2B1 = 3.0v, IE = 0, TA = -65° to 125°C
αRBB
0.1
-
0.9
%/°C
Emitter saturation voltage
(VB2B1 = 10V, IE = 50mA)(2)
VEB1(sat)
-
2.5
-
Volts
Modulated interbase current
(VB2B1 = 10V, IE = 50mA)
IB2(mod)
-
15
-
mA
Emitter reverse current
(VB2E = 30V, IB1 = 0)
IEB20
-
0.005
1.0
µA
Peak point emitter current
(VB2B1 = 25V)
IP
-
1.0
5.0
µA
Valley point current
(VB2B1 = 20V, RB2 = 100ohms)(2)
2N4870
2N4871
IV
2.0
4.0
5.0
7.0
-
-
mA
Base-one peak pulse voltage
2N4870
2N4871
VOB1
3.0
5.0
6.0
8.0
-
-
Volts
Note 1: Intrinsic standoff ration: VP = η VB2B1+ VF, where VF is about 0.49V at 25°C @ IF = 10µA and decreases with temperature at about 2.5mV/°C. Components R1, C1, and
the UJT form a relaxation oscillator; the remaining circuitry serves as a peak –voltage detector. The forward drop of diode D1 compensates for VR. To use, the “cal” button is
pushed and R3 is adjusted to make the current meter, M1, read full scale. When the “cal” button is released, the value of η is read directly from the meter, if full scale on the meter
reads 1.0.
Note 2: Use pulse techniques: PW ≈ 300µs duty cycle ≤ 2% to avoid internal heating due to interbase modulation which may result in erroneous readings.
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120705


Similar Part No. - 2N4870

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N4870 BOCA-2N4870 Datasheet
162Kb / 5P
   PN UNIJUNCTION TRANSISTORS SILICON UNIJUNCTION TRANSISTORS
logo
Central Semiconductor C...
2N4870 CENTRAL-2N4870 Datasheet
177Kb / 4P
   MU4893
logo
New Jersey Semi-Conduct...
2N4870 NJSEMI-2N4870 Datasheet
113Kb / 1P
   PN UNIJUNCTION TRANSISTORS
More results

Similar Description - 2N4870

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N4948 MOTOROLA-2N4948 Datasheet
70Kb / 2P
   PN UNIJUNCTION TRANSISTORS SILICON PN UNIJUNCTION TRANSISTORS
logo
Boca Semiconductor Corp...
2N4870 BOCA-2N4870 Datasheet
162Kb / 5P
   PN UNIJUNCTION TRANSISTORS SILICON UNIJUNCTION TRANSISTORS
logo
Digitron Semiconductors
2N4851 DIGITRON-2N4851 Datasheet
305Kb / 4P
   PN UNIJUNCTION TRANSISTORS
2N4948 DIGITRON-2N4948 Datasheet
255Kb / 2P
   PN UNIJUNCTION TRANSISTORS
logo
New Jersey Semi-Conduct...
2N4870 NJSEMI-2N4870 Datasheet
113Kb / 1P
   PN UNIJUNCTION TRANSISTORS
logo
List of Unclassifed Man...
2N1671 ETC2-2N1671 Datasheet
279Kb / 2P
   PN BAR-TYPE SILICON UNIJUNCTION TRANSISTORS
logo
Comset Semiconductor
2N1671 COMSET-2N1671 Datasheet
291Kb / 2P
   PN BAR-TYPE SILICON UNIJUNCTION TRANSISTORS
logo
Digitron Semiconductors
2N3980 DIGITRON-2N3980 Datasheet
203Kb / 3P
   PN UNIJUNCTION TRANSISTOR
logo
Central Semiconductor C...
2N4851 CENTRAL-2N4851 Datasheet
716Kb / 2P
   PN SILICON UNIJUNCTION TRANSISTOR
logo
Digitron Semiconductors
2N5431 DIGITRON-2N5431 Datasheet
210Kb / 2P
   PN SILICON ANNULAR UNIJUNCTION TRANSITOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com