Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3031 Datasheet(PDF) 3 Page - Digitron Semiconductors

Part # 2N3031
Description  0.5 AMP SILICON CONTROLLED RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N3031 Datasheet(HTML) 3 Page - Digitron Semiconductors

  2N3031 Datasheet HTML 1Page - Digitron Semiconductors 2N3031 Datasheet HTML 2Page - Digitron Semiconductors 2N3031 Datasheet HTML 3Page - Digitron Semiconductors 2N3031 Datasheet HTML 4Page - Digitron Semiconductors 2N3031 Datasheet HTML 5Page - Digitron Semiconductors 2N3031 Datasheet HTML 6Page - Digitron Semiconductors 2N3031 Datasheet HTML 7Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N3027-2N3032
0.5 AMP SILICON CONTROLLED RECTIFIER
MECHANICAL CHARACTERISTICS
Case
TO-18
Marking
Alpha-numeric
Pin out
See below
TO-18
Inches
Millimeters
Min
Max
Min
Max
A
0.209
0.230
5.310
5.840
B
0.178
0.195
4.520
4.950
C
0.170
0.210
4.320
5.330
D
0.016
0.021
0.406
0.533
E
-
0.030
-
0.762
F
0.016
0.019
0.406
0.483
G
0.100 BSC
2.540 BSC
H
0.036
0.046
0.914
1.170
J
0.028
0.048
0.711
1.220
K
0.500
-
12.700
-
L
0.250
-
6.350
-
M
45°C BSC
45° BSC
N
0.050 BSC
1.270 BSC
P
-
0.050
-
1.270
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


Similar Part No. - 2N3031

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3031 MICROSEMI-2N3031 Datasheet
301Kb / 6P
   SCRs 0.5 Amp, Planear
More results

Similar Description - 2N3031

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SCR010B SSDI-SCR010B Datasheet
142Kb / 2P
   0.5 AMP, 30 - 100 Volt SILICON CONTROLLED RECTIFIER
logo
Microsemi Corporation
05012GOF-050 MICROSEMI-05012GOF-050 Datasheet
545Kb / 6P
   50 Amp Silicon Controlled Rectifier
Rev. 2
logo
Digitron Semiconductors
MCR70 DIGITRON-MCR70 Datasheet
575Kb / 4P
   35 AMP SILICON CONTROLLED RECTIFIER
2N1875 DIGITRON-2N1875 Datasheet
170Kb / 2P
   1.25 AMP SILICON CONTROLLED RECTIFIER
MCR71 DIGITRON-MCR71 Datasheet
574Kb / 4P
   55 AMP SILICON CONTROLLED RECTIFIER
logo
NTE Electronics
NTE5511 NTE-NTE5511 Datasheet
22Kb / 2P
   Silicon Controlled Rectifier (SCR) 5 Amp
NTE5590 NTE-NTE5590 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) 470 Amp
NTE5368 NTE-NTE5368 Datasheet
19Kb / 2P
   Silicon Controlled Rectifier (SCR) 125 Amp
NTE5417 NTE-NTE5417 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR) 10 Amp
NTE5480 NTE-NTE5480 Datasheet
22Kb / 2P
   Silicon Controlled Rectifier (SCR) 8 Amp
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com