Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF230VM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LF230VM
Description  PANELITE Enclosure Lights Overview
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LF230VM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LF230VM Datasheet HTML 1Page - List of Unclassifed Manufacturers LF230VM Datasheet HTML 2Page - List of Unclassifed Manufacturers LF230VM Datasheet HTML 3Page - List of Unclassifed Manufacturers LF230VM Datasheet HTML 4Page - List of Unclassifed Manufacturers LF230VM Datasheet HTML 5Page - List of Unclassifed Manufacturers LF230VM Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Spec-00581 H
ElEctrical accEssoriEs Lighting Packages
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION SOLUTIONS
accEssoriEs
2
PaNElitE™ lED ENclosurE light
24 VDC operation for superior
lighting performance with
minimal power consumption
140-degree cone angle casts a
broad covering of neutral light
Center section rotates 120
degrees to re-direct light where
needed
Long life; 70 percent of initial
luminance at 50,000 hours (at 25
C)
High power LED emitters produce
470 Lumens for superior lighting
performance; provides up to 50
percent more usable light than
comparable length fluorescent
lights
Can be wired using optional
PANELITE Cable Accessories or
can be hard-wired with terminal
blocks included in hardware kit
Up to five lights can be daisy-
chained together using hard-
wired connection to power supply
or catalog number LPC72 power
cable with leads
Bulletin: A80lt
Catalog Number
Description
VDC
Amps
W
in./mm
X
in./mm
LED24V15
LED Light, 15 in.
24
.5
15.00
381
8.00
203
PaNElitE™ FluorEscENt ENclosurE light
120 VAC, 50/60 Hz operation
Can be wired using optional
PANELITE™ Cable Accessories
or can be hard-wired with
terminal blocks included in
hardware kit
Available in 15-, 18- and 28-in.
lengths with ability to daisy chain
up to five lights together using
one power supply
Fluorescent bulb not included
Bulletin: A80lt
Catalog Number
Description
VAC
Hz
Amps
W
in./mm
X
in./mm
Bulb
(purchase
separately)
Replacement
Lens Cover
LF120V15
Fluorescent Light, 15 in.
120
50/60
.13
14.50
368
9.63
245
F6T5
LFL15
LF120V18
Fluorescent Light, 18 in.
120
50/60
.13
17.50
445
12.63
321
F8T5
LFL18
LF120V28
Fluorescent Light, 28 in.
120
50/60
.26
27.75
705
22.88
581
F14T5
LFL28


Similar Part No. - LF230VM

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
LF230-SUS BELIMO-LF230-SUS Datasheet
628Kb / 3P
   On/Off, Spring Return, AC 230 V, Auxiliary Switch
logo
LOGIC Devices Incorpora...
LF2301 LODEV-LF2301 Datasheet
333Kb / 18P
   Image Resampling Sequencer
LF2301JC25 LODEV-LF2301JC25 Datasheet
333Kb / 18P
   Image Resampling Sequencer
LF2301JC55 LODEV-LF2301JC55 Datasheet
333Kb / 18P
   Image Resampling Sequencer
logo
BELIMO AIRCONTROLS (USA...
LF230US BELIMO-LF230US Datasheet
503Kb / 3P
   On/Off, Spring Return Fail-Safe, AC 230 V
More results

Similar Description - LF230VM

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
QL86T4HD ROITHNER-QL86T4HD Datasheet
220Kb / 3P
   OVERVIEW
QL65E7S-A ROITHNER-QL65E7S-A Datasheet
180Kb / 3P
   OVERVIEW
QL85J6S-A-L ROITHNER-QL85J6S-A-L Datasheet
141Kb / 3P
   OVERVIEW
QL68I6S-A ROITHNER-QL68I6S-A Datasheet
250Kb / 3P
   OVERVIEW
logo
PHOENIX CONTACT
2702315 PHOENIX-2702315 Datasheet
45Kb / 2P
   Set for magnetic mounting of class 600 PLD enclosure lights
2702312 PHOENIX-2702312 Datasheet
48Kb / 1P
   Set for magnetic mounting of class 400 PLD enclosure lights
logo
Roithner LaserTechnik G...
QL85H6S-A ROITHNER-QL85H6S-A Datasheet
242Kb / 5P
   OVERVIEW
QL78J6S-A ROITHNER-QL78J6S-A Datasheet
243Kb / 3P
   OVERVIEW
logo
Xilinx, Inc
XC3S1000-4FGG320I XILINX-XC3S1000-4FGG320I Datasheet
5Mb / 272P
   Architectural Overview
DS099 XILINX-DS099 Datasheet
5Mb / 217P
   Architectural Overview
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com