Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL31 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AL31
Description  Lock Kit for Cla mp Cover Junction Boxes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL31 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AL31 Datasheet HTML 1Page - List of Unclassifed Manufacturers AL31 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL31 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL31 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL31 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL31 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Spec-00479 G
3
SUBJECT TO CHANGE WITHOUT NOTICE
Accessories
EQUIPMENT PROTECTION SOLUTIONS
Locks, Lockouts, LAtches, hAndLes And cLAmps Latches
Latches
t-hAndLe LAtch And keyed cyLinder Lock kits
To install, simply remove the
standard slotted latch and insert
the kit. Complete installation
instructions are furnished. Catalog
number AL7A includes a Type L7 T
handle and all hardware. Catalog
number AL12AR includes a Type L12
cylinder lock, cam and all hardware.
Latch and lock fit Type 1 enclosures
and hinged-cover pull boxes.
Bulletin: A80
Catalog Number
Description
AL7A
T handle latch kit
AL12AR
Cylinder lock kit
LAtch kit for one-door type 12 encLosures
Designed for field installation on most standard one-door Type
12 enclosures. These latch kits will not fit Hoffman disconnect,
CONCEPT™ or PROLINE™ enclosures. Each kit includes a handle,
latch, latch rods, adjustable rod guides and all hardware. The latch
rods can be adjusted to maintain the proper gasket compression by
relocating the pins in the rod guides. When the pin is removed, the
latch rod can also be removed. These kits are available with a key
locking handle, a non-locking handle or a padlocking handle. All
openings through the door are gasketed to assure a complete seal.
Ends of latch rods have rollers for easier door closing.
Bulletin: A80
Catalog
Number
Handle
Type
Opens
Description
AL36A
Padlock Either Clockwise or
Counterclockwise
1-point Latch kit
AL2A
Keylock Clockwise
1-point Latch kit
AL2ACCW
Keylock Counterclockwise
1-point Latch kit
AL3A
Non-
Locking
Clockwise
1-point Latch kit
AL36BR
Padlock Either Clockwise or
Counterclockwise
3-point Latch Kit where A is 16, 20, 24
or 30 in.
AL2BR
Keylock Clockwise
3-point Latch Kit where A is 16, 20, 24
or 30 in.
AL2BCCW
Keylock Counterclockwise
3-point Latch Kit where A is 16, 20, 24
or 30 in.
AL3BR
Non-
Locking
Clockwise
3-point Latch Kit where A is 16, 20, 24
or 30 in.
AL36CR
Padlock Either Clockwise or
Counterclockwise
3-point Latch kit where A is 36, 42 or 48 in.
AL2CR
Keylock Clockwise
3-point Latch kit where A is 36, 42 or 48 in.
AL2CCCW
Keylock Counterclockwise
3-point Latch kit where A is 36, 42 or 48 in.
AL3CR
Non-
Locking
Clockwise
3-point Latch kit where A is 36, 42 or 48 in.
AL36DR
Padlock Either Clockwise or
Counterclockwise
3-point Latch kit where A is 60 or 72 in.
AL2DR
Keylock Clockwise
3-point Latch kit where A is 60 or 72 in.
AL2DCCW
Keylock Counterclockwise
3-point Latch kit where A is 60 or 72 in.
AL3DR
Non-
Locking
Clockwise
3-point Latch kit where A is 60 or 72 in.
See price list for factory installation charges. A is enclosure height.
LAtch kits for type 4 And 12 encLosures
Fits Type 4 and 12 enclosures which have external screw clamps.
Requires only a quarter-turn (90 degrees) to open or close. An
internal O-ring and external gasket assure a water-tight and dust-
tight seal. Installation requires a hole punched or drilled in the
door for each latch. Complete instructions are furnished. A square
or triangular key is required for tamper-resistant latches. Latch is
die-cast zinc with chrome finish.
Bulletin: A80
Catalog Number
Description
AL31
Slotted insert
AL32
7-mm square insert
AL32Y
Key for AL32
AL35
7-mm triangle insert
AL35Y
Key for AL 35
toggLe LAtch for type 4 And 4x fLoor-mount And free-stAnd encLosures
Provides quick access to Type
4 and 4X floor-mount and free-
stand enclosures with clamps. The
3/8-16 threaded, stainless steel
toggle latches replace the standard
stainless steel bolts. Operation of
the toggle releases the door clamp
so the door can be opened without
tools. Two Type 316 stainless steel
toggle assemblies included.
Bulletin: A80
Catalog Number
Description
AFT44XSS
2 toggle latches


Similar Part No. - AL31

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL310C-EVB-A2 AVERLOGIC-AL310C-EVB-A2 Datasheet
279Kb / 14P
   Evaluate Board
logo
Diodes Incorporated
AL3157 DIODES-AL3157 Datasheet
309Kb / 9P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP LED DRIVER FOR SMALL SCREEN BACKLIGHTING
AL3157F-7 DIODES-AL3157F-7 Datasheet
309Kb / 9P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP LED DRIVER FOR SMALL SCREEN BACKLIGHTING
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3158 DIODES-AL3158 Datasheet
369Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 2 - 2
More results

Similar Description - AL31

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638254900 MOLEX11-0638254900 Datasheet
32Kb / 1P
   Tool Kit for MP-Lock Female Terminal
ATS-638254900 MOLEX-ATS-638254900 Datasheet
596Kb / 8P
   Tool Kit for MP-Lock??Female Terminal
01-22-13
ATS-6382355HM MOLEX-ATS-6382355HM Datasheet
1Mb / 9P
   Tool Kit for 250 MP-Lock Terminal
03-09-11
ATS-6382548HM MOLEX-ATS-6382548HM Datasheet
589Kb / 8P
   Tool Kit for MP-Lock??Female Terminal
07-23-12
logo
List of Unclassifed Man...
K825 ETC1-K825 Datasheet
42Kb / 2P
   Junction Boxes
logo
Pentair plc. All rights...
A606CHNFSS PENTAIR-A606CHNFSS Datasheet
340Kb / 2P
   Junction Boxes
logo
Amphenol Wilcoxon Sensi...
VLL WILCOXON-VLL Datasheet
376Kb / 2P
   Switchable junction boxes
Rev.A.2 10/18
VLS WILCOXON-VLS Datasheet
327Kb / 2P
   Switchable junction boxes
Rev.B.1 10/18
logo
STI Vibration Monitorin...
CMCP310 STI-CMCP310 Datasheet
829Kb / 2P
   Switchable Output BNC Junction Boxes
V3.2 09/13/2019
logo
Amphenol Wilcoxon Sensi...
VLD WILCOXON-VLD Datasheet
287Kb / 2P
   Dual output switchable junction boxes
Rev.B.1 10/18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com