Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL15 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AL15
Description  Lock Kit for Cla mp Cover Junction Boxes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL15 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AL15 Datasheet HTML 1Page - List of Unclassifed Manufacturers AL15 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL15 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL15 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL15 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL15 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Spec-00479 G
4
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION SOLUTIONS
Accessories
Locks, Lockouts, LAtches, hAndLes And cLAmps handLes
handLes
poWergLide™ hAndLes
Easy-to-install medium-size
POWERGLIDE Handles fit into
existing handle holes. They are
available in clockwise and counter-
clockwise non-defeater models and
a clockwise defeater model. The
clockwise defeater model includes
door hardware for Bulletin A25
enclosures.
Bulletin: A80
Catalog Number
Description
AL55CW
Medium POWERGLIDE Handle - Clockwise Opening
AL55CCW
Medium POWERGLIDE Handle - Counter-Clockwise Opening
AL55CWD
Medium POWERGLIDE Handle - Clockwise Opening with Defeater and Door Hardware
hAndLe kit
Non-metallic handle for small
enclosures. Includes four rubber
bumpers that mount on back of
enclosure to protect exterior
finish. All mounting hardware and
complete installation instructions
are provided.
Bulletin: A80
Catalog Number
Description
DHDLK
Handle kit
hAndLes
Attach to sides of enclosure to provide maximum operator control
when using a pendant arm, swivel or swivel tilt.
Bulletin: c2, cc1, cc2, Dec1, p1
Catalog Number
Description
Fits
ERCFH3U
132 mm
Desktop case
ERCFH4U
177 mm
Desktop case
ERCFH6U
266 mm
Desktop case
PUHKA
248 mm
PROLINE sloped fronts
PUHK
9.75 in.
PROLINE sloped fronts
Locking t hAndLe
Optional locking T-Handle available for replacement of the quarter-
turn latch (order separately).
Bulletin: t90R3
Catalog Number
Description
ALTC3R
Available for replacement of the quarter-turn latch


Similar Part No. - AL15

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AL1506-3 ALTECH-AL1506-3 Datasheet
89Kb / 1P
   ALUMINUM ENCLOSURE AL 1506-3
logo
Schneider Electric
AL150HD SCHNEIDER-AL150HD Datasheet
99Kb / 2P
   PowerPact H-FRAME MOULDED CASE CIRCUIT BREAKERs MECHANICAL LUG KIT
Aug 9, 2019
More results

Similar Description - AL15

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638254900 MOLEX11-0638254900 Datasheet
32Kb / 1P
   Tool Kit for MP-Lock Female Terminal
ATS-638254900 MOLEX-ATS-638254900 Datasheet
596Kb / 8P
   Tool Kit for MP-Lock??Female Terminal
01-22-13
ATS-6382355HM MOLEX-ATS-6382355HM Datasheet
1Mb / 9P
   Tool Kit for 250 MP-Lock Terminal
03-09-11
ATS-6382548HM MOLEX-ATS-6382548HM Datasheet
589Kb / 8P
   Tool Kit for MP-Lock??Female Terminal
07-23-12
logo
List of Unclassifed Man...
K825 ETC1-K825 Datasheet
42Kb / 2P
   Junction Boxes
logo
Pentair plc. All rights...
A606CHNFSS PENTAIR-A606CHNFSS Datasheet
340Kb / 2P
   Junction Boxes
logo
Amphenol Wilcoxon Sensi...
VLL WILCOXON-VLL Datasheet
376Kb / 2P
   Switchable junction boxes
Rev.A.2 10/18
VLS WILCOXON-VLS Datasheet
327Kb / 2P
   Switchable junction boxes
Rev.B.1 10/18
logo
STI Vibration Monitorin...
CMCP310 STI-CMCP310 Datasheet
829Kb / 2P
   Switchable Output BNC Junction Boxes
V3.2 09/13/2019
logo
Amphenol Wilcoxon Sensi...
VLD WILCOXON-VLD Datasheet
287Kb / 2P
   Dual output switchable junction boxes
Rev.B.1 10/18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com