Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULCD-28PT(GFX) Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ULCD-28PT(GFX)
Description  2.8??LCD Display Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ULCD-28PT(GFX) Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ULCD-28PT(GFX) Datasheet HTML 2Page - List of Unclassifed Manufacturers ULCD-28PT(GFX) Datasheet HTML 3Page - List of Unclassifed Manufacturers ULCD-28PT(GFX) Datasheet HTML 4Page - List of Unclassifed Manufacturers ULCD-28PT(GFX) Datasheet HTML 5Page - List of Unclassifed Manufacturers ULCD-28PT(GFX) Datasheet HTML 6Page - List of Unclassifed Manufacturers ULCD-28PT(GFX) Datasheet HTML 7Page - List of Unclassifed Manufacturers ULCD-28PT(GFX) Datasheet HTML 8Page - List of Unclassifed Manufacturers ULCD-28PT(GFX) Datasheet HTML 9Page - List of Unclassifed Manufacturers ULCD-28PT(GFX) Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
µLCD-28PT(GFX)
Data Sheet
J1 Pin Outs (Expansion Port):
Pin
Symbol
I/O Description
1
IO2
I/O General Purpose Input Output 2 pin.
2
IO1
I/O General Purpose Input Output 1 pin.
3
IO3
I/O General Purpose Input Output 3 pin.
5
IO4/BUS_RD I/O General Purpose Input Output 4 pin or Bus Read
14
RESET
I
Master RESET. Pull this pin Low for 2.0μs or longer to Reset the module.
15
GND
P
Supply Ground.
17
BUS5
I/O IO Bus (BUS0..7) bit 5
18
3.3V
P
Regulated 3.3 Volts output, maximum available current 400mA.
19
BUS4
I/O IO Bus (BUS0..7) bit 4
21
BUS3
I/O IO Bus (BUS0..7) bit 3
23
BUS2
I/O IO Bus (BUS0..7) bit 2
25
BUS1
I/O IO Bus (BUS0..7) bit 1
27
BUS0
I/O IO Bus (BUS0..7) bit 0
NC
NC
-- Following Pins are Not Connected:
4, 6, 7, 8, 9, 10, 11, 12, 13, 16, 20, 22, 24, 26, 28, 29, 30
I: Input, O: Output, A: Analogue, P: Power
J2 Pin Outs (Expansion Port):
Pin
Symbol
I/O Description
6
VCC
P Main Voltage Supply +ve input pin 4.5V to 5.5V. Nominal @ 5V.
9
IO5/BUS_WR I/O General Purpose Input Output 5 pin or Bus Write
11
BUS7
I/O IO Bus (BUS0..7) bit 7
13
BUS6
I/O IO Bus (BUS0..7) bit 6
15, 17
GND
P Supply Ground.
16, 18
3.3V
P Regulated 3.3 Volts output, maximum available current 400mA.
21
SCL
O I2C clock output.
23
SDA
I/O I2C bi-directional data.
27
RX0
I
Asynchronous serial port 0 receive pin. COM0 Rx.
28
TX1
O Asynchronous serial port 1 transmit pin. COM1 Tx.
29
TX0
O Asynchronous serial port 0 transmit pin. COM0 Tx
30
RX1
I
Asynchronous serial port 1 receive pin. COM1 Rx.
NC
NC
-- Following Pins are Not Connected:
1, 2, 3, 4, 5, 7, 8,10, 12, 14, 19, 20, 22, 24, 25, 26
I: Input, O: Output, A: Analogue, P: Power
© 2011 4D Systems
www.4dsystems.com.au
Page 6 of 24


Similar Part No. - ULCD-28PT(GFX)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-28PT(SGC) ETC2-ULCD-28PT(SGC) Datasheet
3Mb / 24P
   2.8??Serial LCD Display Module
More results

Similar Description - ULCD-28PT(GFX)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-28PT(SGC) ETC2-ULCD-28PT(SGC) Datasheet
3Mb / 24P
   2.8??Serial LCD Display Module
EW162G0 ETC1-EW162G0 Datasheet
145Kb / 12P
   LCD DISPLAY MODULE
logo
Hantronix,Inc
HDM6448-S HANTRONIX-HDM6448-S Datasheet
217Kb / 17P
   LCD DISPLAY MODULE
logo
Crystalfontz America, I...
CFAG12864T2-TFH CRYSTAIFONTZ-CFAG12864T2-TFH Datasheet
537Kb / 10P
   LCD DISPLAY MODULE
logo
Hantronix,Inc
HDM64GS12-R HANTRONIX-HDM64GS12-R Datasheet
126Kb / 13P
   LCD DISPLAY MODULE
logo
Crystalfontz America, I...
CFAG12864T2-NFH CRYSTAIFONTZ-CFAG12864T2-NFH Datasheet
556Kb / 10P
   LCD DISPLAY MODULE
logo
Hantronix,Inc
HDM32GS12-8 HANTRONIX-HDM32GS12-8 Datasheet
131Kb / 14P
   LCD DISPLAY MODULE
HDM128GS24-1 HANTRONIX-HDM128GS24-1 Datasheet
138Kb / 10P
   LCD DISPLAY MODULE
HDM3224-CWL HANTRONIX-HDM3224-CWL Datasheet
608Kb / 17P
   LCD DISPLAY MODULE
logo
List of Unclassifed Man...
ULCD43(GFX) ETC2-ULCD43(GFX) Datasheet
3Mb / 25P
   4.3??LCD Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com