Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM4H-A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PM4H-A
Description  DIN SIZE TIMERS COMMON OPTIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM4H-A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PM4H-A Datasheet HTML 1Page - List of Unclassifed Manufacturers PM4H-A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
52
Mounting parts
ACCESSORIES
PM4H series
• Panel cover (Black)
LT4H series
• Panel cover (Black)
• Set ring
• Rubber gasket
• Mounting rails (Applicable for
DIN and IEC standards)
• Mounting frame
• Fastening plate
ATC18002
AT8-DLA1
Length: 1 m
aluminum
Applicable for PM4H
and LT4H series
PM4H-A
ATC18011
PM4H-S
ATC18012
PM4H-M
ATC18013
PM4H-W
LT4H
LT4H-W
ATC18014
ATL58011
The black panel cover is also available so that you can change the
appearance of the panel by changing the panel cover. The color of the
standard panel cover is ash gray.
When you control the fixed time
range, the setting rings (a set of 2
pcs.) make it easy to do the time
setting and keep the time range all
the time. (Excluding PM4H-W)
ATL68011
PM4H-SD
ATC18015
PM4H-F
ATC18016
Applicable for PM4H
and LT4H series
For holding DIN rails
The rubber gasket is enclosed in the PM4H
(screw terminal type) and the LT4H series.
The mounting frame is enclosed
in the PM4H (screw terminal
type) and the LT4H series.
AT8-DA4
ATA4806
ATC18001
50.0
1.969
50.0
1.969
1.0
.039
48
1.890
4
.157
26
1.024
48 1.890
68 2.677
Oval hole, 40-5.5x15 40-.217x.591
10
.217
5.5
15
5
27
1.063
24
35
.945
1.378
7.5
.295
1.5
.059
15
2.75R .108R
1,000
15
±1 39.37 ±.039
15
.591
.591
.591
.394
.394
.197
.197 .591
10
5
ATA4806
12
.472
50
1.969
M4
M.157
10
10
.394
.394
PM4H-A
MODE
RANGE
N
S
POWER
OP
RANGE
N
S
OP
POWER
PM4H-S
N
S
POWER
MODE
RANGE
OP
PM4H-M
PM4H-W
RANGE
L
S
RANGE
OFF
OFF
ON
L
RANGE
S
L
--
RANGE
S
PM4H-SD
L
S
POWER
RANGE
PM4H-F
DOWN
RESET
LOCK
UP
TIMER
LT4H
SET/LOC
K
RESET
DOWN
UP
TIMER
LT4H-W
02/2003


Similar Part No. - PM4H-A

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PM4HD MTRONPTI-PM4HD Datasheet
276Kb / 2P
   Surface Mount Crystals
PM4HD MTRONPTI-PM4HD Datasheet
370Kb / 2P
   Surface Mount Crystals 5.0 x 7.0 x 1.3 mm
PM4HDS MTRONPTI-PM4HDS Datasheet
276Kb / 2P
   Surface Mount Crystals
PM4HDS MTRONPTI-PM4HDS Datasheet
370Kb / 2P
   Surface Mount Crystals 5.0 x 7.0 x 1.3 mm
PM4HDXX MTRONPTI-PM4HDXX Datasheet
276Kb / 2P
   Surface Mount Crystals
More results

Similar Description - PM4H-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT7812 ETC2-AT7812 Datasheet
172Kb / 3P
   COMPACT SIZE TIMER COMMON OPTIONS
TDMA ETC2-TDMA Datasheet
117Kb / 3P
   DIN Timers TD 22.5mm DIN rail mounting Electronic Timers
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
   Timers
March, 2004 ??Rev. 8
logo
Panasonic Semiconductor
LH2H-F-DHK PANASONIC-LH2H-F-DHK Datasheet
167Kb / 8P
   DIN HALF SIZE HOUR METER
logo
ON Semiconductor
MC1455 ONSEMI-MC1455 Datasheet
204Kb / 10P
   Timers
March, 2004 ??Rev. 8
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
Texas Instruments
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
logo
Carlo Gavazzi Holding A...
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
   Timers Multifunction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com