Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULCD-28PTU Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ULCD-28PTU
Description  2.8" microLCD PICASO Display
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ULCD-28PTU Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ULCD-28PTU Datasheet HTML 3Page - List of Unclassifed Manufacturers ULCD-28PTU Datasheet HTML 4Page - List of Unclassifed Manufacturers ULCD-28PTU Datasheet HTML 5Page - List of Unclassifed Manufacturers ULCD-28PTU Datasheet HTML 6Page - List of Unclassifed Manufacturers ULCD-28PTU Datasheet HTML 7Page - List of Unclassifed Manufacturers ULCD-28PTU Datasheet HTML 8Page - List of Unclassifed Manufacturers ULCD-28PTU Datasheet HTML 9Page - List of Unclassifed Manufacturers ULCD-28PTU Datasheet HTML 10Page - List of Unclassifed Manufacturers ULCD-28PTU Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
4D SYSTEMS
µLCD-28PTU
© 2014 4D SYSTEMS
Page 7 of 22
www.4dsystems.com.au
4. Hardware Interface - Pins
The μLCD-28PTU provides both a hardware and
software interface. This section describes in detail
the hardware interface pins of the device.
Serial Ports - COM0, COM1 UARTS
The μLCD-28PTU has two dedicated hardware
Asynchronous Serial ports that can communicate
with external serial devices. These are referred to
as the COM0 and the COM1 serial ports.
The primary features are:
Full-Duplex 8 bit data transmission and
reception.
Data format: 8 bits, No Parity, 1 Stop bit.
Independent Baud rates from 300 baud up to
600K baud.
Single byte transmits and receives or a fully
buffered service. The buffered service feature
runs in the background capturing and
buffering
serial data
without
the user
application having to constantly poll any of the
serial ports. This frees up the application to
service other tasks.
A single byte serial transmission consists of the
start bit, 8-bits of data followed by the stop bit.
The start bit is always 0, while a stop bit is always
1. The LSB (Least Significant Bit, Bit 0) is sent out
first following the start bit. Figure below shows a
single byte transmission timing diagram.
COM0 is also the primary interface for 4DGL user
program downloads and chip configuration (PmmC
programming).
Once
the
compiled
4DGL
application
program
(EVE
byte-code)
is
downloaded and the user code starts executing,
the serial port is then available to the user
application. Refer to Section 5. ‘Firmware / PmmC
Programming’ for more details on this subject.
TX0 pin (Serial Transmit COM0):
Asynchronous Serial port COM0 transmit pin, TX0.
Connect this pin to external serial device receive
(Rx) signal. This pin is 5.0V tolerant.
RX0 pin (Serial Receive COM0):
Asynchronous Serial port COM0 receive pin, RX0.
Connect this pin to external serial device transmit
(Tx) signal. This pin is 5.0V tolerant.
TX1 pin (Serial Transmit COM1):
Asynchronous Serial port COM1 transmit pin, TX1.
Connect this pin to external serial device receive
(Rx) signal. This pin is 5.0V tolerant.
RX1 pin (Serial Receive COM1):
Asynchronous Serial port COM1 receive pin, RX1.
Connect this pin to external serial device transmit
(Tx) signal. This pin is 5.0V tolerant.
General Purpose I/O
There are 13 general purpose Input/Output (GPIO)
pins available to the user. These are grouped as
IO1..IO5 (Note for IO1, IO2 and IO3 below) and
BUS0..BUS7. Power-Up Reset default is all INPUTS.
The 5 I/O pins (IO1..IO5), provide flexibility of
individual bit operations while the 8 pins
(BUS0..BUS7),
known
as
GPIO
BUS,
serve
collectively for byte wise operations. The IO4 and
IO5 also act as strobing signals to control the GPIO
Bus. GPIO Bus can be read or written by strobing a
low pulse (50ns duration or greater) the
IO4/BUS_RD or IO5/BUS_WR for read or write
respectively. For detailed usage refer to the
separate document titled:
“PICASO-4DGL-Internal-Functions.pdf”
IO1-IO5 pins (excluding IO3) (2 x GPIO pins):
General purpose I/O pins. Each pin can be
individually set for INPUT or an OUTPUT.
IO1 pin (Frame Mark pin):
The IO1 pin has 2 functions. It can be used as a
GPIO pin but can also be used to detect the start
of a Frame. When used as a GPIO pin, simply
connect an Input/Output to the IO1 pin on the H1
header. When using IO1 for Frame Mark, simply
leave the IO1 pin on the H1 header disconnected,
and read the status of IO1 as an Input.
IO2 pin (Lithium Battery Status pin):
The IO2 pin has 2 functions. It can be used as a
GPIO pin but can also be used to tell when the
Lithium battery has reached a low level (3.7V) and
needs to be charged. When used as a GPIO pin,


Similar Part No. - ULCD-28PTU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-28PT(GFX) ETC2-ULCD-28PT(GFX) Datasheet
2Mb / 24P
   2.8??LCD Display Module
ULCD-28PT(SGC) ETC2-ULCD-28PT(SGC) Datasheet
3Mb / 24P
   2.8??Serial LCD Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com