Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULCD-32PT(GFX) Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ULCD-32PT(GFX)
Description  3.2??LCD Display Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ULCD-32PT(GFX) Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ULCD-32PT(GFX) Datasheet HTML 5Page - List of Unclassifed Manufacturers ULCD-32PT(GFX) Datasheet HTML 6Page - List of Unclassifed Manufacturers ULCD-32PT(GFX) Datasheet HTML 7Page - List of Unclassifed Manufacturers ULCD-32PT(GFX) Datasheet HTML 8Page - List of Unclassifed Manufacturers ULCD-32PT(GFX) Datasheet HTML 9Page - List of Unclassifed Manufacturers ULCD-32PT(GFX) Datasheet HTML 10Page - List of Unclassifed Manufacturers ULCD-32PT(GFX) Datasheet HTML 11Page - List of Unclassifed Manufacturers ULCD-32PT(GFX) Datasheet HTML 12Page - List of Unclassifed Manufacturers ULCD-32PT(GFX) Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
µLCD-32PT(GFX)
Data Sheet
3.
Software Platform - 4DGL
The PICASO-GFX2 belongs to a family of
processors powered by a highly optimised soft
core virtual engine, EVE (Extensible Virtual
Engine).
EVE is a proprietary, high performance virtual
processor with an extensive byte-code instruction
set optimised to execute compiled 4DGL
programs. 4DGL (4D Graphics Language) was
specifically developed from ground up for the EVE
engine core. It is a high level language which is
easy to learn and simple to understand yet
powerful enough to tackle many embedded
graphics applications.
4DGL is a graphics oriented language allowing
rapid application development and the syntax
structure was designed using elements of popular
languages such as C, Basic, Pascal and others.
Programmers familiar with these languages will
feel right at home with 4DGL. It includes many
familiar instructions such as IF..ELSE..ENDIF,
WHILE..WEND, REPEAT..UNTIL, GOSUB..ENDSUB,
GOTO, PRINT as well as some specialised
instructions
SERIN,
SEROUT,
GFX_LINE,
GFX_CIRCLE and many more. This section only
covers the syntax of the available instructions and
functions. For a more in depth study refer to the
following documents:
“4DGL-Programmers-Reference-Manual.pdf”
“PICASO-GFX2-4DGL-Internal-Functions.pdf”
The following is a brief outline of 4DGL
instructions and functions available for the
PICASO-GFX2 device.
GPIO Functions:
pin_Set(mode, pin)
OUTPUT, INPUT
pin_HI(pin)
pin_LO(pin)
pin_Read(pin)
bus_In()
bus_Out("var")
bus_Set("var")
bus_Write("var")
bus_Read("var")
System Memory Access Functions:
peekW(address)
pokeW(address, word_value)
Maths Functions:
ABS(value)
MIN(value1, value2)
MAX(value1, value2)
SWAP(&var1, &var2)
SIN(angle)
COS(angle)
RAND()
SEED(number)
SQRT(number)
OVF ()
Text and String Functions:
txt_MoveCursor(line, column)
putch(char)
putstr(pointer)
putnum(format, value)
print(...)
to(outstream)
charwidth('char')
charheight('char')
strwidth(pointer)
strheight()
strlen(pointer)
txt_Set(function, value)
txt_Set shortcuts:
txt_FGcolour(colour)
txt_BGcolour(colour)
txt_FontID(id)
txt_Width(multiplier)
txt_Height(multiplier)
txt_Xgap(pixelcount)
txt_Ygap(pixelcount)
txt_Delay(millisecs) [deprecated]
txt_Opacity(mode)
txt_Bold(mode)
txt_Italic(mode)
txt_Inverse(mode)
txt_Underlined(mode)
txt_Attributes(value)
txt_Wrap(value)
CType Functions:
© 2012 4D Systems
www.4dsystems.com.au
Page 9 of 24


Similar Part No. - ULCD-32PT(GFX)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-32PT(SGC) ETC2-ULCD-32PT(SGC) Datasheet
1Mb / 23P
   3.2??Serial LCD Display Module
More results

Similar Description - ULCD-32PT(GFX)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-32PT(SGC) ETC2-ULCD-32PT(SGC) Datasheet
1Mb / 23P
   3.2??Serial LCD Display Module
4DLCD32Q ETC2-4DLCD32Q Datasheet
808Kb / 16P
   3.2??TFT LCD Display Datasheet
EW162G0 ETC1-EW162G0 Datasheet
145Kb / 12P
   LCD DISPLAY MODULE
logo
Hantronix,Inc
HDM6448-S HANTRONIX-HDM6448-S Datasheet
217Kb / 17P
   LCD DISPLAY MODULE
logo
Crystalfontz America, I...
CFAG12864T2-TFH CRYSTAIFONTZ-CFAG12864T2-TFH Datasheet
537Kb / 10P
   LCD DISPLAY MODULE
logo
Hantronix,Inc
HDM64GS12-R HANTRONIX-HDM64GS12-R Datasheet
126Kb / 13P
   LCD DISPLAY MODULE
logo
Crystalfontz America, I...
CFAG12864T2-NFH CRYSTAIFONTZ-CFAG12864T2-NFH Datasheet
556Kb / 10P
   LCD DISPLAY MODULE
logo
Hantronix,Inc
HDM32GS12-8 HANTRONIX-HDM32GS12-8 Datasheet
131Kb / 14P
   LCD DISPLAY MODULE
HDM128GS24-1 HANTRONIX-HDM128GS24-1 Datasheet
138Kb / 10P
   LCD DISPLAY MODULE
HDM3224-CWL HANTRONIX-HDM3224-CWL Datasheet
608Kb / 17P
   LCD DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com