Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKD710JB Datasheet(PDF) 2 Page - TDK Electronics

Part # CKD710JB
Description  Multilayer Ceramic Chip Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKD710JB Datasheet(HTML) 2 Page - TDK Electronics

  CKD710JB Datasheet HTML 1Page - TDK Electronics CKD710JB Datasheet HTML 2Page - TDK Electronics CKD710JB Datasheet HTML 3Page - TDK Electronics CKD710JB Datasheet HTML 4Page - TDK Electronics CKD710JB Datasheet HTML 5Page - TDK Electronics CKD710JB Datasheet HTML 6Page - TDK Electronics CKD710JB Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
001-01 / 20140110 / e4161_ckd.fm
All specifications are subject to change without notice.
(2/7)
Multilayer Ceramic Chip Capacitors
Commercial Grade
Three-terminal Feed-through Type
FEATURES
Small capacitors featuring low ESL and high capacitance that realize low impedance characteristics.
Effective for suppressing noise or voltage fluctuations in power circuits.
For large current (Up to 2A) applications.
APPLICATIONS
For power lines of high-speed, large-current circuits of telecommunication terminal devices including smartphones, audio-visual equip-
ment, and information equipment.
PART NUMBER IDENTIFICATION
PACKAGING STYLE AND SPECIFICATIONS
In the case of CKD710JB0G435M, the weight is 0.0015g.
Overview of CKD Series
CKD
710JB
0G
435
M
045
B
A
Series
name
L x W dimensions -
GND terminal width
Rated
voltage
Capacitance
Tolerance
Thickness
Packing style
TDK
internal
code
Code
mm
Code
V
Code
pF
Code
mm
Code
Reel
Pitch
710JB
1.0×0.5 - 0.3
0G
4
105
1,000,000
(1.0µF)
M
±20%
030
0.3
A
ø178
4mm
610JB
1.6×0.8 - 0.4
0J
6.3
S
+50%/–20%
045
0.45
B
ø178
2mm
61BJB
1.6×0.8 - 0.8
060
0.6
D
ø330
4mm
E
ø330
2mm
Type
Package quantity (piece/reel)
Single weight (g)
ø178
ø330
CKD710JB
10,000
50,000
0.0008
CKD610JB
4,000
10,000
0.0038
CKD61BJB
4,000
10,000
0.0038
Conformity to RoHS Directive
Lead-free Compatible
Please contact our Sales office when your application is considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - CKD710JB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKD710JB TDK-CKD710JB Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD710JB TDK-CKD710JB Datasheet
895Kb / 7P
   Multilayer Ceramic Chip Capacitors Commercial Grade Three-terminal Feed-through Type
CKD710JB0G105M030A TDK-CKD710JB0G105M030A Datasheet
841Kb / 7P
   Multilayer Ceramic Chip Capacitors Commercial Grade Three-terminal Feed-through Type
CKD710JB0G105M030A TDK-CKD710JB0G105M030A Datasheet
895Kb / 7P
   Multilayer Ceramic Chip Capacitors Commercial Grade Three-terminal Feed-through Type
CKD710JB0G105S030A TDK-CKD710JB0G105S030A Datasheet
841Kb / 7P
   Multilayer Ceramic Chip Capacitors Commercial Grade Three-terminal Feed-through Type
More results

Similar Description - CKD710JB

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com