Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKD710JB0J474M030A Datasheet(PDF) 3 Page - TDK Electronics

Part # CKD710JB0J474M030A
Description  Multilayer Ceramic Chip Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKD710JB0J474M030A Datasheet(HTML) 3 Page - TDK Electronics

  CKD710JB0J474M030A Datasheet HTML 1Page - TDK Electronics CKD710JB0J474M030A Datasheet HTML 2Page - TDK Electronics CKD710JB0J474M030A Datasheet HTML 3Page - TDK Electronics CKD710JB0J474M030A Datasheet HTML 4Page - TDK Electronics CKD710JB0J474M030A Datasheet HTML 5Page - TDK Electronics CKD710JB0J474M030A Datasheet HTML 6Page - TDK Electronics CKD710JB0J474M030A Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
001-01 / 20140110 / e4161_ckd.fm
All specifications are subject to change without notice.
(3/7)
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
HAND SOLDERING
PRECAUTIONS FOR USE
Before soldering, be sure to preheat components. The
T pre-
heating temperature must be 150°C max. with attention paid to
thermal shock.
Natural cooling of components in the air is recommended. On
the other hand, when dipping them in a solvent for purposes,
such as cleaning, make sure that the temperature difference
(
T) is 100°C.
When performing hand soldering for circuit modification, apply
the soldering iron to the copper foil area of the printed circuit
board for 3 seconds or less. The temperature of the iron tip
should not exceed 300°C.
Use a wrist band to discharge static electricity in your body
through the grounding wire.
When incorporating the printed circuit board on which this prod-
uct is mounted into a frame, etc., do not apply stress to the prod-
uct through local bending of the board by tightening of screws,
etc.
Overview of CKD Series
Preheating
Soldering
Slow cooling
(Natural cooling)
60 seconds or more
0
260˚C max.
10s max.
Preheating
300
Make as short as possilble (within three seconds)
0


Similar Part No. - CKD710JB0J474M030A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKD710JB0J474M030A TDK-CKD710JB0J474M030A Datasheet
841Kb / 7P
   Multilayer Ceramic Chip Capacitors Commercial Grade Three-terminal Feed-through Type
CKD710JB0J474M030A TDK-CKD710JB0J474M030A Datasheet
895Kb / 7P
   Multilayer Ceramic Chip Capacitors Commercial Grade Three-terminal Feed-through Type
More results

Similar Description - CKD710JB0J474M030A

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com