Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF101 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # SF101
Description  SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

SF101 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  SF101 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech SF101 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE
SF101 THRU SF106
CHENYI ELECTRONICS
SUPER FAST RECTIFIER
Reverse Voltage - 50 to 400 Volts
Forward Current - 1.0Ampere
FEATURES
. Low forward voltage drop
. High current capability
. High reliability
. High surge current capability
. Super fast recovery time
. Good for use in switching mode circuits
. Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
MECHANICAL DATA
. Case: JEDEC DO-41 molded plastic body
. Terminals: plated axial leads, solderable per MIL-STD-750, method 2026
. Polarity: Color band denotes cathode end
. Mounting Position: Any
. Weight: 0.012 ounce, 0.34 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating at 25
ambient temperature unless otherwise specified,Single phase,half wave 60Hz,resistive or inductive)
load. For capacitive load,derate current by 20%)
Symbols
SF
101
SF
102
SF
103
SF
104
SF
105
SF
106
Units
Maximum recurrent peak reverse voltage
VRRM
50
100
150
200
300
400
Volts
Maximum RMS voltage
VRMS
35
70
105
140
210
280
Volts
Maximum D.C blocking voltage
VDC
50
100
150
200
300
400
Volts
Maximum average forward rectified
current 0.375"(9.5mm)lead length @ at
TA=55
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
Maximum instantaneous forward voltage at 1.0 A
VF
Volts
Maximum DC Reverse
TA=25
Current At Rated DC Blocking Voltage
TA=100
Maximum reverse recovery time(Note 1)
Trr
ns
Typical junction Capacitance(Note 2)
CJ
pF
TJ
TSTG
Notes: 1.Test conditions:IF=0.5A,IR=1.0A,Irr=0.25A.
2.Measured at 1MHz and applied reverse voltage of 4.0 Volts
A
Operating junction and storage temperature range
-65 to +125
-65 to +150
IR
5.0
50
35
50
0.95
1.25
25
I(AV)
Amp
IFSM
Amps
1.0
30.0
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2


Similar Part No. - SF101

ManufacturerPart #DatasheetDescription
logo
Surge Components
SF101 SURGE-SF101 Datasheet
81Kb / 2P
   SUPERFAST RECOVERY RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes???
logo
Won-Top Electronics
SF101 WTE-SF101 Datasheet
47Kb / 3P
   1.0A SOFT FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
SF101 GOOD-ARK-SF101 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SF101 SEMTECH_ELEC-SF101 Datasheet
98Kb / 1P
   SUPER FAST RECOVERY SILICON DIODES
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
More results

Similar Description - SF101

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com