Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULCD-32PTU Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ULCD-32PTU
Description  3.2??microLCD PICASO Display
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ULCD-32PTU Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ULCD-32PTU Datasheet HTML 1Page - List of Unclassifed Manufacturers ULCD-32PTU Datasheet HTML 2Page - List of Unclassifed Manufacturers ULCD-32PTU Datasheet HTML 3Page - List of Unclassifed Manufacturers ULCD-32PTU Datasheet HTML 4Page - List of Unclassifed Manufacturers ULCD-32PTU Datasheet HTML 5Page - List of Unclassifed Manufacturers ULCD-32PTU Datasheet HTML 6Page - List of Unclassifed Manufacturers ULCD-32PTU Datasheet HTML 7Page - List of Unclassifed Manufacturers ULCD-32PTU Datasheet HTML 8Page - List of Unclassifed Manufacturers ULCD-32PTU Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
The µLCD-32PTU is a compact and cost effective
Intelligent Display Module packed with plenty of features,
ready to become the GUI for your target application. It is
the perfect choice for many applications that require a
front end smart graphics interface.
Embedded at the heart of the design is the PICASO
processor, which is driven by a highly optimised virtual
core engine called EVE (Extensible Virtual Engine). An
extensive range of hardware and software peripherals
have been integrated into the design, to give the user
freedom to adapt the module to suit almost any
application.
The display module is an elegant combination of a 3.2”
(240x320) LCD Screen, audio amplifier and speaker,
micro-SD card connector, Lithium Ion and Polymer battery
support, along with a group of general purpose
input/output pins (GPIO's), including I2C and serial
communications.
This display module serves as a perfect solution to be
deployed at the forefront of any product design, requiring
a brilliance of colour, animation or images on any
application. This PICASO driven Intelligent Display Module
is a perfect example of where art meets technology.
The µLCD-32PTU has a 3.2’’ TFT LCD display at the
forefront of the design that showcases the power and
capabilities of the PICASO processor. Combining a
resolution of 240x320 pixels with 65K True to Life colours,
this module is perfect for animations, slideshows and
other multimedia presentations.
Audio support provided on the display module is supplied
by the PICASO processor, an on-board audio amplifier and
8Ω speaker. A simple instruction enables the user to play
audio files while continuing the execution of the Users
code, such as display updates, touch recognition,
communications and much more.
The micro-SD card slot provides the user with expandable
memory space suitable for multimedia file retrieval,
including images, animations and movie clips, as well as
data logging applications.
The module can be programmed in its native 4DGL
language (similar to C), using the Workshop4 IDE software
tool suite, or it can be configured as a serial slave device
to use with your favourite host controller. The freedom is
at your fingertips with this 3.2" intelligent microLCD
module.
Overview


Similar Part No. - ULCD-32PTU

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
ULCD-32PTU 4DSYSTEMS-ULCD-32PTU Datasheet
3Mb / 22P
   3.2 microLCD PICASO Display
12th MARCH 2019/REVISION: 2.3
logo
List of Unclassifed Man...
ULCD-32PTU-PI ETC2-ULCD-32PTU-PI Datasheet
479Kb / 9P
   Raspberry Pi Display Module Pack Featuring a 3.2Display Module
logo
4D Systems Pty Ltd
ULCD-32PTU 4DSYSTEMS-ULCD-32PTU_V01 Datasheet
3Mb / 22P
   3.2 microLCD PICASO Display
12th MARCH 2019/REVISION: 2.3
More results

Similar Description - ULCD-32PTU

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
ULCD-32PTU 4DSYSTEMS-ULCD-32PTU_V01 Datasheet
3Mb / 22P
   3.2 microLCD PICASO Display
12th MARCH 2019/REVISION: 2.3
logo
List of Unclassifed Man...
ULCD-32WPTU ETC2-ULCD-32WPTU Datasheet
2Mb / 20P
   3.2??Wide microLCD PICASO Display
ULCD-43 ETC2-ULCD-43 Datasheet
3Mb / 21P
   4.3??microLCD PICASO Display
ULCD-24PTU ETC2-ULCD-24PTU Datasheet
2Mb / 21P
   2.4??microLCD PICASO Display
ULCD-28PTU ETC2-ULCD-28PTU Datasheet
2Mb / 22P
   2.8" microLCD PICASO Display
ULCD-43PT ETC2-ULCD-43PT Datasheet
2Mb / 22P
   4.3 microLCD PICASO Display
logo
4D Systems Pty Ltd
ULCD-144G2 4DSYSTEMS-ULCD-144G2 Datasheet
3Mb / 19P
   microLCD Display Modules
06th MARCH 2019/REVISION: 1.5
logo
List of Unclassifed Man...
ULCD-144-G2 ETC2-ULCD-144-G2 Datasheet
1Mb / 18P
   1.44" microLCD GOLDELOX Display
ULCD-32PT(GFX) ETC2-ULCD-32PT(GFX) Datasheet
1Mb / 24P
   3.2??LCD Display Module
4DLCD32Q ETC2-4DLCD32Q Datasheet
808Kb / 16P
   3.2??TFT LCD Display Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com