Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULCD-144-G2(GFX) Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ULCD-144-G2(GFX)
Description  4DGL Platform LCD Display Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ULCD-144-G2(GFX) Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ULCD-144-G2(GFX) Datasheet HTML 1Page - List of Unclassifed Manufacturers ULCD-144-G2(GFX) Datasheet HTML 2Page - List of Unclassifed Manufacturers ULCD-144-G2(GFX) Datasheet HTML 3Page - List of Unclassifed Manufacturers ULCD-144-G2(GFX) Datasheet HTML 4Page - List of Unclassifed Manufacturers ULCD-144-G2(GFX) Datasheet HTML 5Page - List of Unclassifed Manufacturers ULCD-144-G2(GFX) Datasheet HTML 6Page - List of Unclassifed Manufacturers ULCD-144-G2(GFX) Datasheet HTML 7Page - List of Unclassifed Manufacturers ULCD-144-G2(GFX) Datasheet HTML 8Page - List of Unclassifed Manufacturers ULCD-144-G2(GFX) Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
µLCD-144-G2(GFX)
4DGL LCD Display Module
Data Sheet
Description
The µLCD-144-G2(GFX) is a compact and cost
effective display module using the latest state of
the art LCD (TFT) technology with an embedded
GOLDELOX-GFX2 graphics processor that delivers
‘stand-alone’ functionality to any project.
Powerful graphics, text, image, animation and
countless more features are built inside the
GOLDELOX-GFX2 chip. The module is designed to
work out of the box and you are now ready to
write your code in 4DGL (a high level 4D Graphics
Language) using the 4DGL-Workshop3 IDE (editor,
compiler and downloader). This will save weeks
even months of development time on your next
embedded graphics project.
4DGL is a graphics oriented language allowing the
developer to write applications in a high level
language, syntax similar to popular languages such
as BASIC, C and Pascal. The module offers modest
but comprehensive I/O features that can interface
to serial, analogue, digital, buttons, joystick, sound
generation and Dallas 1-wire devices.
In short, the µLCD-144-G2(GFX) offers one of the
most flexible embedded graphics solutions
available.
Features
Low-cost LCD display graphics user interface
solution.
128 x RGB x 128 resolution, 65K true to life
colours, LCD TFT screen.
1.44” diagonal size, 43 x 31 x 6.4mm. Active
Area: 25.5mm x 26.5mm.
LED back lighting with greater than 150°
viewing angle.
Easy 10 pin interface to any external device:
3.3Vout, IO2, GND, IO1, RESET, GND, RX, TX,
Vin, 5V OUT.
Powered by the 4D-Labs GOLDELOX-GFX2
graphics processor highly optimised for 4DGL,
the high level 4D Graphics Language.
2 x GPIO ports supports:
Digital I/O
A/D converter with 8/10 bit resolution
Complex sound generation
Dedicated RTTTL tune engine
Multi-Switch Joystick
Dallas 1-Wire
10K bytes of flash memory for user code
storage and 510 bytes of RAM for user
variables (255 x 16bit vars).
Serial TTL interface with auto-baud feature
(300 to 256K baud).
On-board micro-SD memory card adaptor for
storing of icons, images, animations, etc.
Supports 64Mb to 2Gig micro-SD as well as
micro-SDHC memory cards starting from 4GB
and above.
Comprehensive set of built in high level 4DGL
graphics functions and algorithms that can
draw lines, circles, text, and much more.
Display full colour images, animations, icons
and video clips.
Supports all available Windows fonts and
characters (imported as external fonts).
4.0V to 5.5V range operation (single supply).
RoHS Compliant.
© 2012 4D Systems
www.4dsystems.com.au
Page 2 of 18


Similar Part No. - ULCD-144-G2(GFX)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-144-G2(SGC) ETC2-ULCD-144-G2(SGC) Datasheet
2Mb / 19P
   Serial LCD Display Module
More results

Similar Description - ULCD-144-G2(GFX)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-144(GFX) ETC2-ULCD-144(GFX) Datasheet
1Mb / 18P
   4DGL Platform LCD Display Module
UOLED-160-G1(GFX) ETC2-UOLED-160-G1(GFX) Datasheet
1Mb / 17P
   4DGL Platform OLED Display Module
UOLED-96-G2(GFX) ETC2-UOLED-96-G2(GFX) Datasheet
1Mb / 17P
   4DGL Platform OLED Display Module
UOLED-128-G1(GFX) ETC2-UOLED-128-G1(GFX) Datasheet
1Mb / 18P
   4DGL Platform OLED Display Module
UOLED-96-G1(GFX) ETC2-UOLED-96-G1(GFX) Datasheet
935Kb / 17P
   4DGL Platform OLED Display Module
EW162G0 ETC1-EW162G0 Datasheet
145Kb / 12P
   LCD DISPLAY MODULE
logo
Hantronix,Inc
HDM6448-S HANTRONIX-HDM6448-S Datasheet
217Kb / 17P
   LCD DISPLAY MODULE
logo
Crystalfontz America, I...
CFAG12864T2-TFH CRYSTAIFONTZ-CFAG12864T2-TFH Datasheet
537Kb / 10P
   LCD DISPLAY MODULE
logo
Hantronix,Inc
HDM64GS12-R HANTRONIX-HDM64GS12-R Datasheet
126Kb / 13P
   LCD DISPLAY MODULE
logo
Crystalfontz America, I...
CFAG12864T2-NFH CRYSTAIFONTZ-CFAG12864T2-NFH Datasheet
556Kb / 10P
   LCD DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com