Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6572AIMNOPB Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6572AIMNOPB
Description  LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6572AIMNOPB Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMC6572AIMNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMC6572AIMNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMC6572AIMNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMC6572AIMNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMC6572AIMNOPB Datasheet HTML 11Page - National Semiconductor (TI) LMC6572AIMNOPB Datasheet HTML 12Page - National Semiconductor (TI) LMC6572AIMNOPB Datasheet HTML 13Page - National Semiconductor (TI) LMC6572AIMNOPB Datasheet HTML 14Page - National Semiconductor (TI) LMC6572AIMNOPB Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LMC6572, LMC6574
www.ti.com
SNOS707D – DECEMBER 1996 – REVISED MARCH 2013
Figure 31. LMC6574/2 Noninverting Gain of 10 Amplifier, Compensated to Handle Capacitive Loads
In the circuit of Figure 31, R1 and C1 serve to counteract the loss of phase margin by feeding the high frequency
component of the output signal back to the amplifier's inverting input, thereby preserving phase margin in the
overall feedback loop.
PRINTED-CIRCUIT-BOARD LAYOUT FOR HIGH-IMPEDANCE WORK
It is generally recognized that any circuit which must operate with less than 1000 pA of leakage current requires
special layout of the PC board. When one wishes to take advantage of the ultra-low bias current of the
LMC6574/2, typically less than 20 fA, it is essential to have an excellent layout. Fortunately, the techniques of
obtaining low leakages are quite simple. First, the user must not ignore the surface leakage of the PC board,
even though it may sometimes appear acceptably low, because under conditions of high humidity or dust or
contamination, the surface leakage will be appreciable.
To minimize the effect of any surface leakage, lay out a ring of foil completely surrounding the LMC6574/2's
inputs and the terminals of capacitors, diodes, conductors, resistors, relay terminals, etc. connected to the op-
amp's inputs, as in Figure 32. To have a significant effect, guard rings should be placed on both the top and
bottom of the PC board. This PC foil must then be connected to a voltage which is at the same voltage as the
amplifier inputs, since no leakage current can flow between two points at the same potential. For example, a PC
board trace-to-pad resistance of 1012
Ω, which is normally considered a very large resistance, could leak 5 pA if
the trace were a 5V bus adjacent to the pad of the input. This would cause a 250 times degradation from the
LMC6574/2's actual performance. However, if a guard ring is held within 5 mV of the inputs, then even a
resistance of 1011
Ω would cause only 0.05 pA of leakage current. See Figure 35 for typical connections of guard
rings for standard op-amp configurations.
Figure 32. Example of Guard Ring in P.C. Board Layout
Copyright © 1996–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMC6572 LMC6574


Similar Part No. - LMC6572AIMNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6572AIM NSC-LMC6572AIM Datasheet
429Kb / 13P
   Low Voltage (2.7V and 3V) Operational Amplifier
logo
Texas Instruments
LMC6572AIM/NOPB TI1-LMC6572AIM/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
logo
National Semiconductor ...
LMC6572AIMX NSC-LMC6572AIMX Datasheet
429Kb / 13P
   Low Voltage (2.7V and 3V) Operational Amplifier
logo
Texas Instruments
LMC6572AIMX/NOPB TI1-LMC6572AIMX/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
More results

Similar Description - LMC6572AIMNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6572 TI1-LMC6572 Datasheet
1Mb / 22P
[Old version datasheet]   LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
logo
National Semiconductor ...
LMC6572 NSC-LMC6572 Datasheet
429Kb / 13P
   Low Voltage (2.7V and 3V) Operational Amplifier
logo
Intersil Corporation
ISL28325FBZ INTERSIL-ISL28325FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
ISL28325FBZ INTERSIL-ISL28325FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
ISL28325 INTERSIL-ISL28325 Datasheet
496Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
logo
Renesas Technology Corp
ISL28325 RENESAS-ISL28325 Datasheet
617Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
logo
Unisonic Technologies
LM833 UTC-LM833 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
STMicroelectronics
TSM104 STMICROELECTRONICS-TSM104 Datasheet
103Kb / 9P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
TSM104W STMICROELECTRONICS-TSM104W Datasheet
160Kb / 9P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com