Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

160FB Datasheet(PDF) 11 Page - Numonyx B.V

Part # 160FB
Description  Top / Bottom Boot Block 5 V Supply Flash Memory
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

160FB Datasheet(HTML) 11 Page - Numonyx B.V

Back Button 160FB Datasheet HTML 7Page - Numonyx B.V 160FB Datasheet HTML 8Page - Numonyx B.V 160FB Datasheet HTML 9Page - Numonyx B.V 160FB Datasheet HTML 10Page - Numonyx B.V 160FB Datasheet HTML 11Page - Numonyx B.V 160FB Datasheet HTML 12Page - Numonyx B.V 160FB Datasheet HTML 13Page - Numonyx B.V 160FB Datasheet HTML 14Page - Numonyx B.V 160FB Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
M29FxxxFT, M29FxxxFB
Description
11/67
Figure 5.
TSOP Connections, M29F200F
DQ3
DQ9
DQ2
A6
DQ0
W
A3
RB
DQ6
A8
A9
DQ13
A10
DQ14
A2
DQ12
DQ10
DQ15A–1
VCC
DQ4
DQ5
A7
DQ7
NC
NC
AI06850_400
12
1
13
24
25
36
37
48
DQ8
NC
A1
A4
A5
DQ1
DQ11
G
A12
A13
A16
A11
BYTE
A15
A14
VSS
E
A0
RP
VSS
NC
NC
NC


Similar Part No. - 160FB

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
160FB NUMONYX-160FB Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
More results

Similar Description - 160FB

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
PA28F400B5T80 INTEL-PA28F400B5T80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
logo
STMicroelectronics
M28W640FCT STMICROELECTRONICS-M28W640FCT_06 Datasheet
534Kb / 77P
   64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
logo
Numonyx B.V
M28W160CT NUMONYX-M28W160CT Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M29F102BB STMICROELECTRONICS-M29F102BB Datasheet
432Kb / 24P
   1 Mbit (64Kb x16, Boot Block) Single Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com