Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB970 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OPB970
Description  Photologic짰 Slotted Optical Switch OPB960, OPB970, OPB980, OPB990 Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OPB970 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OPB970 Datasheet HTML 1Page - List of Unclassifed Manufacturers OPB970 Datasheet HTML 2Page - List of Unclassifed Manufacturers OPB970 Datasheet HTML 3Page - List of Unclassifed Manufacturers OPB970 Datasheet HTML 4Page - List of Unclassifed Manufacturers OPB970 Datasheet HTML 5Page - List of Unclassifed Manufacturers OPB970 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C.1 1/10
Page 3 of 6
Photologic
® Slotted Optical Switch
OPB960, OPB970, OPB980, OPB990 Series
OPTEK reserves the right to make any changes at any time in order to improve design and to supply the best product possible.
Wire Color
Function
Red
Anode
Black
Cathode
White
Vcc
Blue
Output
Green
Ground
TABLE 2
Notes:
(7) Wire is 26AWG, UL Rated PVC insulation.
(8) Ideal torque for bolt or screw 0,45 to 0,68 Nm ( 4 to 6 Lb-in ).
(9) When using a thread lock compound, ND Industries ”ND Vibra-Tite® Formula 3” will avoid stress cracking plastic.
(10) Plastic is soluble in chlorinated hydrocarbons and ketones. Methanol or isopropanol are recommended as cleaning agents.
PACKAGE OUTLINE for OPB980 and OPB990 Series
APERTURE WIDTH GUIDE
CODE
LED
SENSOR
55
.050” [1.27mm] .050” [1.27mm]
51
.050” [1.27mm] .010” [0.25mm]
11
.010” [0.25mm] .010” [0.25mm]
Lengths are .050” [1.27mm]


Similar Part No. - OPB970

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB970 OPTEK-OPB970 Datasheet
875Kb / 4P
   Photologic Slotted Optical Switches
OPB970 OPTEK-OPB970 Datasheet
186Kb / 6P
   Choice of logic and output driver circuits
logo
List of Unclassifed Man...
OPB970 ETC-OPB970 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB970 ETC-OPB970 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB970 ETC2-OPB970 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
More results

Similar Description - OPB970

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPB980T51Z ETC2-OPB980T51Z Datasheet
645Kb / 7P
   Photologic짰 Slotted Optical Switch OPB960, OPB970, OPB980, OP990 Series
OPB990T55 ETC2-OPB990T55 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB970N51 ETC-OPB970N51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB930W51Z OPTEK-OPB930W51Z Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB982T51 ETC2-OPB982T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB931W51Z ETC2-OPB931W51Z Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB120A OPTEK-OPB120A Datasheet
418Kb / 5P
   Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB970N11 ETC2-OPB970N11 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB970T51 ETC-OPB970T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB983T51Z ETC2-OPB983T51Z Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com