Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4237UA250 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # OPA4237UA250
Description  SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA4237UA250 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button OPA4237UA250 Datasheet HTML 6Page - National Semiconductor (TI) OPA4237UA250 Datasheet HTML 7Page - National Semiconductor (TI) OPA4237UA250 Datasheet HTML 8Page - National Semiconductor (TI) OPA4237UA250 Datasheet HTML 9Page - National Semiconductor (TI) OPA4237UA250 Datasheet HTML 10Page - National Semiconductor (TI) OPA4237UA250 Datasheet HTML 11Page - National Semiconductor (TI) OPA4237UA250 Datasheet HTML 12Page - National Semiconductor (TI) OPA4237UA250 Datasheet HTML 13Page - National Semiconductor (TI) OPA4237UA250 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
OPA237
OPA2237
OPA4237
SBOS057A − OCTOBER 1996 − REVISED FEBRUARY 2007
www.ti.com
10
APPLICATION INFORMATION
OPA237 series op amps are unity-gain stable and suitable
for a wide range of general-purpose applications. Power
supply pins should be bypassed with 10nF ceramic
capacitors.
OPERATING VOLTAGE
OPA237 series op amps operate from single (+2.7V to
+36V) or dual (
±1.35V to ±18V) supplies with excellent
performance.
Most
behavior
remains
unchanged
throughout the full operating voltage range. Parameters
which vary significantly with operating voltage are shown
in
typical
performance
curves.
Specifications
are
production tested with +2.7V, +5V, and
±15V supplies.
OUTPUT CURRENT AND STABILITY
OPA237 series op amps can drive large capacitive loads.
However, under certain limited output conditions any op
amp may become unstable. Figure 1 shows the region
where the OPA237 has a potential for instability. These
load conditions are rarely encountered, especially for
single supply applications. For example, take the case
when a +5V supply with a 10k
Ω load to VS/2 is used.
OPA237 series op amps remain stable with capacitive
loads up to 4,000pF, if sinking current and up to 10,000pF,
if
sourcing
current.
Furthermore,
in
single-supply
applications where the load is connected to ground, the op
amp is only sourcing current, and as shown Figure 1, can
drive 10,000pF with output currents up to 1.5mA.
2
0.5
1
1.5
Output Current (mA)
−2
−1.5
−1
−0.5
0
100k
10k
1k
100
10
V
S = +2.7V
VS =+5V, ±15V
OPERATION NOT
RECOMMENDED
Figure 1. Stability-Capacitive Load vs Output
Current
R
L
10
A1
OPA237
+
R
1
38.3k
R
3
38.3k
R
5
383k
R
6
10k
R
7
9.09k
R
4
20k
R
2
19.1k
A2
OPA237
R
8
100k
R
H
10
I
H
V+
V
V+
V
2.7V to =
±15V
V+ for A
1,A2
−In
+In
−In
+In
V
O =10 • IH • RH
To Load
To Load
V
O =10 • IL • RL
Common−mode range of A2
extends to V
− for low−side sensing
Optional for I
B Cancellation
(R
7 =R6 II R8)
R
2 and R4 divide down the
common−mode input to A1.
Low−Side
Current Sense
High−Side
Current Sense
Out
Out
NOTE: Low and high−side sensing circuits can be used independently.
V
− for A
1,A2
I
L
Figure 2. Low and High-Side Battery Current Sensing


Similar Part No. - OPA4237UA250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4237UA250 BURR-BROWN-OPA4237UA250 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com