Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBS50GRN-BK Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SBS50GRN-BK
Description  SBS짰 Connectors - up to 110 amps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SBS50GRN-BK Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SBS50GRN-BK Datasheet HTML 1Page - List of Unclassifed Manufacturers SBS50GRN-BK Datasheet HTML 2Page - List of Unclassifed Manufacturers SBS50GRN-BK Datasheet HTML 3Page - List of Unclassifed Manufacturers SBS50GRN-BK Datasheet HTML 4Page - List of Unclassifed Manufacturers SBS50GRN-BK Datasheet HTML 5Page - List of Unclassifed Manufacturers SBS50GRN-BK Datasheet HTML 6Page - List of Unclassifed Manufacturers SBS50GRN-BK Datasheet HTML 7Page - List of Unclassifed Manufacturers SBS50GRN-BK Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.andersonpower.com
- 54 -
All Data Subject To Change Without Notice
| SBS® Accessories |
[ 4.6 ]
Ø 0.18 TYP
[ 20.8 ]
0.82
[ 20.8 ]
0.82
[ 20.8 ]
0.82
[ 33.5 ]
1.32
[ 50.0 ]
1.97
[ 25.1 ]
0.99
[ 1.5 ]
0.06
[ 28.2 ]
1.11
[ 26.4 ]
1.04
Mounting Clamp for SBS®50
Mounting clamps can be used for fastening a SBS®50 series
housings to a panel. Fastening hardware not included.
Description
--- Part Number ---
Minimum Quantity ..........................
20 sets of 2 .....
Panel Mount Bracket for SBS®50
1466G1
T-Handle for SBS®50 and SBS®75X
The “T” handle makes mating and unmating the connector easier. The
non-conductive red plastic material is strong and safe. (2) Self tapping
screws are used to secure the handle to the connector housing.
Description
---------- Part Numbers ----------
Minimum Quantity ...............................
1,000
50 ..........
Red “T” Handle + Hardware Bag
-
SBS50-HDL-RED
Hardware Bag (2 Screws)
-
104G17
Red “T” Handle Only
113899P1
-
#8 x 5/8” Screw (Order 2 Per Handle)
H1120P53
-
25
50
75
100
125
0
20
40
60
80
100 120 140
SBS®75G All Contacts Powered
Derating vs. Ambient Temperature
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
0
10
20
30
40
50
60
0
20
40
60
80
100
120
SBS®75G All Contacts Powered
Temperature Rise at Constant Current
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
25
50
75
100
125
0
20
40
60
80
100 120
140
SBS®75G Primary Contacts Only
No Power Center Contact
Derating vs. Ambient Temperature
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90 100 110 120
SBS®75G Primary Contacts Only
No Power Center Contact
Temperature Rise at Constant Current
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
25
50
75
100
125
0
20
40
60
80
100
120
SBS®75GPR All Contacts Powered
Derating vs. Ambient Temperature
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90 100
SBS®75GPR All Contacts Powered
Temperature Rise at Constant Current
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
NOTE: Temperature rise charts are based on 25 °C ambient temperature.


Similar Part No. - SBS50GRN-BK

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
SBS50GRN-BK APP-SBS50GRN-BK Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
More results

Similar Description - SBS50GRN-BK

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
logo
List of Unclassifed Man...
6319 ETC-6319 Datasheet
959Kb / 6P
   SB짰 50 Connectors - up to 120 amps
REV C3.1
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
   SB® 175 Connectors Up to 280 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
   SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
   SB® 50 Connectors Up to 120 amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
   SB® 120 Connectors Up to 240 Amps
REV C7
logo
List of Unclassifed Man...
512C16 ETC2-512C16 Datasheet
203Kb / 1P
   512C Up to 32 Amps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com