Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4241UA2K5 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # OPA4241UA2K5
Description  Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA4241UA2K5 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button OPA4241UA2K5 Datasheet HTML 2Page - National Semiconductor (TI) OPA4241UA2K5 Datasheet HTML 3Page - National Semiconductor (TI) OPA4241UA2K5 Datasheet HTML 4Page - National Semiconductor (TI) OPA4241UA2K5 Datasheet HTML 5Page - National Semiconductor (TI) OPA4241UA2K5 Datasheet HTML 6Page - National Semiconductor (TI) OPA4241UA2K5 Datasheet HTML 7Page - National Semiconductor (TI) OPA4241UA2K5 Datasheet HTML 8Page - National Semiconductor (TI) OPA4241UA2K5 Datasheet HTML 9Page - National Semiconductor (TI) OPA4241UA2K5 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
®
OPA241, 2241, 4241
OPA251, 2251, 4251
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, and RL = 100kΩ connected to VS/2 (ground for VS = ±15V), unless otherwise noted.
Curves apply to OPA241 and OPA251 unless specified.
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
°C)
–6
–4
–2
0
2
–75
–50
–25
0
25
50
75
100
125
I
B
I
OS
INPUT BIAS CURRENT
vs INPUT COMMON-MODE VOLTAGE
Common-Mode Voltage (V)
–5
–4
–3
–2
–1
0
0
5
10
15
20
25
30
I
B
I
OS
COMMON-MODE REJECTION vs TEMPERATURE
Temperature (
°C)
140
120
100
80
60
40
20
0
–75
–50
–25
0
25
50
75
100
125
V
S = ±15V
V
S = +2.7V, +5V
V
CM = (V–) –0.1V to (V+) –0.8V
V
CM = (V–) –0.2V to (V+) –0.8V
V
CM = (V–) to (V+) –0.8V
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Temperature (
°C)
50
45
40
35
30
25
20
15
10
5
0
–75
–50
–25
0
25
50
75
100
125
–I
SC
+I
SC, VS = +5V, ±15V (all versions)
V
S = +5V
V
S = ±15V
V
S = +5V
V
S = ±15V
Single Versions
Dual, Quad Versions
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
(V+)
(V+) –0.1V
(V+) –0.2V
(V+) –0.3V
(V–) +0.3V
(V–) +0.2V
(V–) +0.1V
(V–)
0.1
±1
±10
Output Current (mA)
T = +125°C
T = +25°C
T = –55°C
T = +125°C
T = +25°C, –55°C
OPEN-LOOP GAIN AND POWER
SUPPLY REJECTION vs TEMPERATURE
Temperature (°C)
140
130
120
110
100
–75
–50
–25
0
25
50
75
100
125
R
L = 20kΩ, 100kΩ
R
L = 10kΩ
R
L = 100kΩ
PSRR
A
OL, VS = ±15V
A
OL, VS = +5V


Similar Part No. - OPA4241UA2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4241UA2K5 TI-OPA4241UA2K5 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA4241UA2K5G4 TI-OPA4241UA2K5G4 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4241UA2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA2241PAG4 TI-OPA2241PAG4 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA251 BURR-BROWN-OPA251 Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2251UA-2K5G4 TI-OPA2251UA-2K5G4 Datasheet
1,004Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA241 TI1-OPA241 Datasheet
1Mb / 23P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com