Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4251UAG4 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # OPA4251UAG4
Description  Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA4251UAG4 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  OPA4251UAG4 Datasheet HTML 1Page - National Semiconductor (TI) OPA4251UAG4 Datasheet HTML 2Page - National Semiconductor (TI) OPA4251UAG4 Datasheet HTML 3Page - National Semiconductor (TI) OPA4251UAG4 Datasheet HTML 4Page - National Semiconductor (TI) OPA4251UAG4 Datasheet HTML 5Page - National Semiconductor (TI) OPA4251UAG4 Datasheet HTML 6Page - National Semiconductor (TI) OPA4251UAG4 Datasheet HTML 7Page - National Semiconductor (TI) OPA4251UAG4 Datasheet HTML 8Page - National Semiconductor (TI) OPA4251UAG4 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
®
OPA241, 2241, 4241
OPA251, 2251, 4251
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
Supply Voltage, V+ to V– .................................................................... 36V
Input Voltage(2) .................................................. (V–) –0.5V to (V+) +0.5V
Output Short Circuit to Ground(3) ............................................ Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
(2) Input terminals are diode-clamped to the power supply rails. Input signals
that can swing more that 0.5V beyond the supply rails should be current-
limited to 5mA or less. (3) One amplifier per package.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE/ORDERING INFORMATION
OPERATING
PACKAGE
SPECIFICATION
SPECIFIED
VOLTAGE
DRAWING
TEMPERATURE
PRODUCT
VOLTAGE
RANGE
PACKAGE
NUMBER(1)
RANGE
OPA241 SERIES
Single
OPA241PA
2.7V to 5V
2.7V to 36V
8-Pin DIP
006
–40
°C to +85°C
OPA241UA
2.7V to 5V
2.7V to 36V
SO-8 Surface Mount
182
–40
°C to +85°C
Dual
OPA2241PA
2.7V to 5V
2.7V to 36V
8-Pin DIP
006
–40
°C to +85°C
OPA2241UA
2.7V to 5V
2.7V to 36V
SO-8 Surface Mount
182
–40
°C to +85°C
Quad
OPA4241PA
2.7V to 5V
2.7V to 36V
14-Pin DIP
010
–40
°C to +85°C
OPA4241UA
2.7V to 5V
2.7V to 36V
SO-14 Surface Mount
235
–40
°C to +85°C
OPA251 SERIES
Single
OPA251PA
±15V
2.7V to 36V
8-Pin DIP
006
–40
°C to +85°C
OPA251UA
±15V
2.7V to 36V
SO-8 Surface Mount
182
–40
°C to +85°C
Dual
OPA2251PA
±15V
2.7V to 36V
8-Pin DIP
006
–40
°C to +85°C
OPA2251UA
±15V
2.7V to 36V
SO-8 Surface Mount
182
–40
°C to +85°C
Quad
OPA4251PA
±15V
2.7V to 36V
14-Pin DIP
010
–40
°C to +85°C
OPA4251UA
±15V
2.7V to 36V
SO-14 Surface Mount
235
–40
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book.


Similar Part No. - OPA4251UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4251UAG4 TI-OPA4251UAG4 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA4251UAG4 TI1-OPA4251UAG4 Datasheet
1Mb / 23P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4251UAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA2241PAG4 TI-OPA2241PAG4 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA251 BURR-BROWN-OPA251 Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2251UA-2K5G4 TI-OPA2251UA-2K5G4 Datasheet
1,004Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA241 TI1-OPA241 Datasheet
1Mb / 23P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com