Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFR16S Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SFR16S
Description  Standard Metal Film Leaded Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFR16S Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SFR16S Datasheet HTML 3Page - Vishay Siliconix SFR16S Datasheet HTML 4Page - Vishay Siliconix SFR16S Datasheet HTML 5Page - Vishay Siliconix SFR16S Datasheet HTML 6Page - Vishay Siliconix SFR16S Datasheet HTML 7Page - Vishay Siliconix SFR16S Datasheet HTML 8Page - Vishay Siliconix SFR16S Datasheet HTML 9Page - Vishay Siliconix SFR16S Datasheet HTML 10Page - Vishay Siliconix SFR16S Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Document Number: 28722
For technical questions, contact: filmresistorsleaded@vishay.com
www.vishay.com
Revision: 06-Aug-10
43
SFR16S/25/25H
Standard Metal Film Leaded Resistors Vishay BCcomponents
HISTORICAL 12NC - Resistor type and packaging
TYPE
TOL.
23.. ... .....
BANDOLIER
IN AMMOPACK
BANDOLIER
ON REEL
RADIAL TAPED
STRAIGHT LEADS
STRAIGHT LEADS
4000 units
1000 units
5000 units
5000 units
SFR16S
± 5 %
-
..22 187 73...
..22 187 53...
..06 187 23...
± 1 %
-
-
..06 187 3...
..06 187 1....
Jumper
-
-
..06 187 90013
..22 187 90346
SFR25
± 5 %
..06 184 03...
..22 181 53...
..22 181 43...
..22 181 63...
± 1 %
-
-
..22 188 2...
..06 181 8....
Jumper
-
..22 181 90018
..22 181 90019
..06 181 90011
SFR25H
± 5 %
..06 186 03...
..22 186 16...
..22 186 76...
..06 186 63...
± 1 %
-
-
..22 186 3....
..06 186 8....


Similar Part No. - SFR16S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFR16S ETC1-SFR16S Datasheet
349Kb / 15P
   Standard metal film resistors
SFR16S ETC-SFR16S Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
More results

Similar Description - SFR16S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
PR01000104708JR500 VISHAY-PR01000104708JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR01 VISHAY-PR01_15 Datasheet
193Kb / 20P
   Power Metal Film Leaded Resistors
Revision: 10-Sep-15
MBASMA0204 VISHAY-MBASMA0204 Datasheet
184Kb / 15P
   Professional Metal Film Leaded Resistors
01-Jan-2022
PR01 VISHAY-PR01_V01 Datasheet
220Kb / 20P
   Power Metal Film Leaded Resistors
01-Jan-2022
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
   PRECISION METAL FILM LEADED RESISTORS
logo
Vishay Siliconix
PR02000203000JR500 VISHAY-PR02000203000JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
28729 VISHAY-28729 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR02000201008JA100 VISHAY-PR02000201008JA100 Datasheet
209Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 24-Jun-13
logo
KOA Speer Electronics, ...
LF14CTTA1000D KOA-LF14CTTA1000D Datasheet
234Kb / 2P
   radial metal film leaded resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com