Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6-104068-3 Datasheet(PDF) 47 Page - Tyco Electronics

Part # 6-104068-3
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104068-3 Datasheet(HTML) 47 Page - Tyco Electronics

Back Button 6-104068-3 Datasheet HTML 43Page - Tyco Electronics 6-104068-3 Datasheet HTML 44Page - Tyco Electronics 6-104068-3 Datasheet HTML 45Page - Tyco Electronics 6-104068-3 Datasheet HTML 46Page - Tyco Electronics 6-104068-3 Datasheet HTML 47Page - Tyco Electronics 6-104068-3 Datasheet HTML 48Page - Tyco Electronics 6-104068-3 Datasheet HTML 49Page - Tyco Electronics 6-104068-3 Datasheet HTML 50Page - Tyco Electronics 6-104068-3 Datasheet HTML 51Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 100 page
background image
47
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Note: All part numbers are RoHS compliant.
EUROLATCH Receptacles, 64-Position
(Three-Row Housings, Two Rows Loaded)
Housing Assembly with
Cover (Preassembled)
Material and Finish
Housing and Cover — UL 94V-0
rated thermoplastic, black
Contacts — Phosphor bronze, duplex
plated 0.00076 [.000030] gold on
post/pin mating end, 0.00254-0.00508
[.000100-.000200] tin on termination
end, with entire contact underplated
0.00127 [.000050] nickel.
Related Product Data
Mateable Pin Connectors —
Eurocard Type C and Type R—
Selection Guide 82650,
See Catalog 82721
Ribbon Cable —
Part Number 2-57040-2 or
Part Number 2-57034-5 (64 conductor)
Application Tooling — pages 70-74
Technical Documents
Product Specifications
108-46003 EUROLATCH Receptacles
DIN 41612
IEC 603-2
Instruction Sheet
408-9156
I
Recognized under the
Component Program
of the Underwriters
Laboratories, Inc.
UL File No. E28476
I
Certified by the
Canadian Standards
Association,
File No. LR 7189
R
R
Row A
78.74
[3.100]
84.89
[3.342]
89.92
[3.54]
94.74
[3.730]
3.48
[.137]
10.49
[.413]
8.46
[.333]
8.46
[.333]
Row B
Row C
6.35
[.250]
18.57
[.731]
84.66
[3.333]
10.95
[.431]
14.43
[.568]
2.54
[.100]
1.27
[.050]
Cover
Housing
Assembly
Terminated
2.79 Dia.
[.110]
Dia.
(2 Holes)
Contact
Receptacle
Rows
Kit No.
Loaded
(Preassembled)
A and C
746603-4
METRIC
Dimensions are
millimeters over inches


Similar Part No. - 6-104068-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-104068-3 MACOM-6-104068-3 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED, DOUBLE ROW W/SIDE & END LATCHES, AMPMODU System 50
6-104068-3 MACOM-6-104068-3 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED
6-104068-3 MACOM-6-104068-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-3 MACOM-6-104068-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-3 MACOM-6-104068-3 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 6-104068-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com