Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6-104068-5 Datasheet(PDF) 70 Page - Tyco Electronics

Part # 6-104068-5
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104068-5 Datasheet(HTML) 70 Page - Tyco Electronics

Back Button 6-104068-5 Datasheet HTML 66Page - Tyco Electronics 6-104068-5 Datasheet HTML 67Page - Tyco Electronics 6-104068-5 Datasheet HTML 68Page - Tyco Electronics 6-104068-5 Datasheet HTML 69Page - Tyco Electronics 6-104068-5 Datasheet HTML 70Page - Tyco Electronics 6-104068-5 Datasheet HTML 71Page - Tyco Electronics 6-104068-5 Datasheet HTML 72Page - Tyco Electronics 6-104068-5 Datasheet HTML 73Page - Tyco Electronics 6-104068-5 Datasheet HTML 74Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
70
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Ribbon Cable Assembly Machines (R-CAM)
The R-CAM 4, pictured
above, is the newest fully
automatic Ribbon Cable
Assembly Machine for
producing and testing
daisy-chained ribbon cable
assemblies. Enhancements
of this model include the
capability to process pre-
manufactured slit-and-twist
cable and the ability to
produce assemblies with up
to 10 connectors.
The R-CAM 2A, 3A, and
4 terminate 28 AWG
[0.08 mm2], .050 [1.27]
centerline cable to a variety
of connectors. The R-CAM 4
will also terminate 30 AWG
[0.05 mm2] .025 [0.64] cen-
terline cable.
All of the R-CAM models
automatically perform an
in-process electrical test of
all circuits for opens and
shorts. In addition, all mod-
els automatically test the
assembly for high-voltage
breakdown up to 1,000
volts, depending on the
machine and connector
style. The purpose of this
test is to detect gaps that
may have been created dur-
ing assembly that could
eventually short out when
in use. If an assembly fails
any of these tests, the
machine will shear the
cable off at that point and
automatically discard it into
an alternate bin.
These machines are pro-
grammed and operated
with an interactive touch-
screen that allows operators
to access manual, set-up,
run, and edit modes
through easy-to-follow
menu-driven prompts.
Self-diagnostics shut
down the machine if a
malfunction — such as
misloaded connectors or
incorrectly fed cable —
is detected, pinpoint the
malfunction, and identify it
on the touchscreen.
Models 2A and 3A are avail-
able in 120 or 220 VAC, 8 A,
Product Facts
I
Terminates 28 AWG
[0.08 mm2] .050 [1.27]
centerline and 30 AWG
[0.05 mm2] .025 [0.64]
centerline cable to a variety
of connectors
I
Automatic in-process
electrical testing — tests all
circuits for opens, shorts
and high-voltage breakdown
(up to 1,000 volts for
receptacles, 800 volts for
card edge connectors and
300 volts for .025 [0.64]
centerline connectors);
rejects cable assemblies
failing any of these tests
I
Operated by a user-friendly,
interactive touchscreen —
or a keyboard on the
R-CAM 4
I
Self-diagnostics shut
down the machine when a
malfunction occurs, pinpoint
the malfunction, and
identify it on the screen
I
Produced under a Quality
Management System
certified to ISO 9001
A copy of the
certificate is available
upon request.
50 or 60 Hz. Model 4 oper-
ates at 120 or 220 VAC, 50-
60 Hz, single phase, 15A.
The R-CAM 2A and 3A
require a minimum air sup-
ply of 80 psi [5.52 bar] at
8 scfm [0.0038m3/s]. The
R-CAM 4 requires 80 psi
[5.52 bar] at 12 scfm
[0.0057 m3/s].
Need more information?
For more information,
specifically about tooling,
call TE at the numbers listed
below.
IS
O
Ce
rti
fie
d
90
01


Similar Part No. - 6-104068-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-104068-5 MACOM-6-104068-5 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED, DOUBLE ROW W/SIDE & END LATCHES, AMPMODU System 50
6-104068-5 MACOM-6-104068-5 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED
6-104068-5 MACOM-6-104068-5 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-5 MACOM-6-104068-5 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-5 MACOM-6-104068-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 6-104068-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com