Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6-104069-8 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 6-104069-8
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104069-8 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 6-104069-8 Datasheet HTML 3Page - Tyco Electronics 6-104069-8 Datasheet HTML 4Page - Tyco Electronics 6-104069-8 Datasheet HTML 5Page - Tyco Electronics 6-104069-8 Datasheet HTML 6Page - Tyco Electronics 6-104069-8 Datasheet HTML 7Page - Tyco Electronics 6-104069-8 Datasheet HTML 8Page - Tyco Electronics 6-104069-8 Datasheet HTML 9Page - Tyco Electronics 6-104069-8 Datasheet HTML 10Page - Tyco Electronics 6-104069-8 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
7
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Table of Contents (Continued)
Ribbon Cable Interconnect Solutions
.050 [1.27] Centerline Ribbon Cable Connectors (Continued)
DIP Plugs, .100 x .100 [2.54 x 2.54] Centers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
DIP Plugs, .100 x .300 [2.54 x 7.62] Centers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
DIP Plugs, .100 x .600 [2.54 x 15.24] Centers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
4-Row PCB Solder Transition Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
1-Row Horizontal Receptacle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
Accessories
Flexible Pull Tabs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Universal I/O Latches . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Military Polarizers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Keying Plugs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
Strain Relief for 622 Series DIP Plugs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Pull Loops, Permanent (For Receptacles and Pin Connectors) . . . . . . . . . . . . . . . . . . . 66
Strain Relief for Universal I/O without Mounting Ears . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Strain Relief for 609 Series (Tulip Contact) Female Socket Connectors . . . . . . . . . . . . . 67
Strain Relief for Novo and Ultra ATA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Strain Relief for 2 mm . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Strain Relief for 622 and 636 Series Female Socket Connectors . . . . . . . . . . . . . . . . . . 69
Application Tooling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70-74
Low Profile Headers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75-83
Low Profile Pin Headers, Center and Dual Polarized, .100 x .100 [2.54 x 2.54]
Centerlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76, 77
Low Profile Pin Headers, Center and Dual Polarized, .100 x .100 [2.54 x 2.54]
Centerlines and “Kinked” Solder Tails for PCB Retention . . . . . . . . . . . . . . . . . . . 78, 79
IDC Low Profile Ejection Style Pin Headers with Die Cast Ejection Latches,
Military and Center Polarized, .100 x .100 [2.54 x 2.54] Centerlines . . . . . . . . . . . 80, 81
IDC Low Profile Ejection Style Pin Headers, Center Polarized, .100 x .100
[2.54 x 2.54] Centerlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82, 83
Universal Ejection Style Pin Headers and Pinless Headers
Universal Ejection Style Pin Headers, Military, Center and Dual Polarized,
.100 x .100 [2.54 x 2.54] Centerlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84-86
Universal Ejection Style Pin Headers, ACTION PIN Contacts, Military,
Center and Dual Polarized, .100 x .100 [2.54 x 2.54] Centerlines . . . . . . . . . . . . . 87, 88
Universal Ejection Style Pin Headers, Military, Center and Dual Polarized,
.100 x .100 [2.54 x 2.54] Centerlines, Right-Angle . . . . . . . . . . . . . . . . . . . . . . . . . 89-91
Universal Ejection Style Pinless Headers, Military, Center and Dual Polarized,
.100 x .100 [2.54 x 2.54] Centerlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92, 93
Universal Ejection Style Pin Headers, with PCT Housing, .100 x .100
[2.54 x 2.54] Centerlines, .025 [0.64] Sq. Posts (Mating End) . . . . . . . . . . . . . . . . 94, 95
Latches for Ejection Style Universal Pin Headers and Pinless Headers . . . . . . . . . . . . . 96
Cable Solutions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97, 98
Part Number Index . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99


Similar Part No. - 6-104069-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-104069-8 MACOM-6-104069-8 Datasheet
198Kb / 1P
   HEADER ASSEMBLY, RIGHT ANGLE, DOUBLE ROW, W/SIDE & END LATCHES, AMPMODU System 50
6-104069-8 MACOM-6-104069-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104069-8 MACOM-6-104069-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104069-8 MACOM-6-104069-8 Datasheet
3Mb / 60P
   AMPMODU System 50 Connectors
6-104069-8 MACOM-6-104069-8 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 6-104069-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com