Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-188275-0 Datasheet(PDF) 23 Page - Tyco Electronics

Part # 9-188275-0
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-188275-0 Datasheet(HTML) 23 Page - Tyco Electronics

Back Button 9-188275-0 Datasheet HTML 19Page - Tyco Electronics 9-188275-0 Datasheet HTML 20Page - Tyco Electronics 9-188275-0 Datasheet HTML 21Page - Tyco Electronics 9-188275-0 Datasheet HTML 22Page - Tyco Electronics 9-188275-0 Datasheet HTML 23Page - Tyco Electronics 9-188275-0 Datasheet HTML 24Page - Tyco Electronics 9-188275-0 Datasheet HTML 25Page - Tyco Electronics 9-188275-0 Datasheet HTML 26Page - Tyco Electronics 9-188275-0 Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
23
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Board-to-Board Right-Angle Headers
Ribbon Cable Interconnect Solutions
AMPMODU 50/50 Grid
Right-Angle Headers will
accommodate a variety of
high density packaging
applications; right-angle
board-to-board applications
when mated with vertical
receptacles (page 20) and
right-angle cable-to-board
applications when mated
with cable connectors
(page 26). The small
.050 x .050 [1.27 x 1.27]
centerline contact spacing
allows efficient use of the
PC board area.
Mechanical support of the
headers to the PC board is
provided by non-protrusive
metallic holddowns
designed for .062 [1.57] or
thicker PC boards. These
holddowns are of the same
design as those used in the
vertical headers (page 21)
and receptacles (page 20).
There are also metallic tabs
that are soldered to the sur-
faces of the PC board pads
for added support.
AMPMODU 50/50 Grid
Right-Angle Headers are
available in double-row, in
either latching or non-
latching versions, and in
sizes ranging from 10
through 100 positions (in 10
position increments). The
latching version provides
positive retention when
mated with the latching
cable connector (page 26).
All headers feature polariza-
tion to help prevent mis-
alignment during mating.
Product Facts
I
Surface-mount products for
right-angle board-to-board
and cable-to-board
applications
I
Double-row, right-angle
shrouded headers
I
High density .050 x .050
[1.27 x 1.27] centerline grid
I
Latching and non-latching
versions available
I
Non-protrusive metallic
holddowns
I
Metallic tabs, when
soldered to PC board pad,
provide added mechanical
support
I
Duplex plated post contacts;
gold plated on mating area,
tin plated on tails
I
Compatible with standard
surface-mount processing
(VPR and IR)
I
Standoffs on header
housings allow for drainage
of processing fluids
I
All headers are polarized
I
Sizes of 10, 20, 30, 40, 50,
60, 70, 80 and 100 positions
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by Canadian
Standards
Association
File No. LR7189
R
R


Similar Part No. - 9-188275-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-188275-0 MACOM-9-188275-0 Datasheet
4Mb / 18P
   AMP Micro-Match Miniature Connector System
More results

Similar Description - 9-188275-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com