Electronic Components Datasheet Search |
|
164G24 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd. |
|
164G24 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd. |
1 / 2 page Key Features: - Both series operate on 50/60 Hz current. - Low profile, split bobbin design. - Dual winding secondaries, non-concentrically wound. - Units are designed so that all windings must be used. - Low primary to secondary coupling - no electro static shield required. - One year warranty. - High insulation - Hipot of 2,500V RMS. - Class B insulation - 130 degrees C. - No mounting hardware required on 1.1 and 2.4 VA sizes. Two hole mounting on 6, 12 and 20V sizes. Four hole mounting on 36VA size (mounting screws not provided). - P.C. board mount with industry standard pin spacing. - c UL us recognized. - For more information on this series, go to: http://www.hammondmfg.com/162.htm Single Primary - 164 Series Dual Primary - 162 Series www.hammondmfg.com LOW VOLTAGE P.C. BOARD MOUNT LOW PROFILE 162/164 SERIES Aug 2008 4 1 8 7 6 5 PRI SEC 4 2 3 1 8 7 6 5 PRI SEC Part No. Single Pri. 115V Part No. Dual Pri. 115/230V Size VA Secondary (RMS) Series Parallel 164D10 162D10 1.1 10V C.T. @ .11A 5V @ .22A 164E10 162E10 2.4 10V C.T. @ .25A 5V @ .5A 164F10 162F10 6 10V C.T. @ .6A 5V @ 1.2A 164G10 162G10 12 10V C.T. @ 1.2A 5V @ 2.4A 164H10 162H10 20 10V C.T. @ 2A 5V @ 4A 164J10 162J10 36 10V C.T. @ 3.6A 5V @ 7.2A 164D12 162D12 1.1 12.6V C.T. @ .09A 6.3V @ .18A 164E12 162E12 2.4 12.6V C.T. @ .2A 6.3V @ .4A 164F12 162F12 6 12.6V C.T. @ .5A 6.3V @ 1A 164G12 162G12 12 12.6V C.T. @ 1A 6.3V @ 2A 164H12 162H12 20 12.6V C.T. @ 1.6A 6.3V @ 3.2A 164J12 162J12 36 12.6V C.T. @ 2.85A 6.3V @ 5.7A 164D16 162D16 1.1 16V C.T. @ .07A 8V @ .14A 164E16 162E16 2.4 16V C.T. @ .15A 8V @ .3A 164F16 162F16 6 16V C.T. @ .4A 8V @ .8A 164G16 162G16 12 16V C.T. @ .8A 8V @ 1.6A 164H16 162H16 20 16V C.T. @ 1.25A 8V @ 2.5A 164J16 162J16 36 16V C.T. @ 2.25A 8V @ 4.5A 164D20 162D20 1.1 20V C.T. @ .055A 10V @ .11A 164E20 162E20 2.4 20V C.T. @ .12A 10V @ .24A 164F20 162F20 6 20V C.T. @ .3A 10V @ .6A 164G20 162G20 12 20V C.T. @ .6A 10V @ 1.2A 164H20 162H20 20 20V C.T. @ 1A 10V @ 2A 164J20 162J20 36 20V C.T. @ 1.8A 10V @ 3.6A 164D24 162D24 1.1 24V C.T. @ .045A 12V @ .09A 164E24 162E24 2.4 24V C.T. @ .1A 12V @ .2A 164F24 162F24 6 24V C.T. @ .25A 12V @ .5A 164G24 162G24 12 24V C.T. @ .5A 12V @ 1A 164H24 162H24 20 24V C.T. @ .8A 12V @ 1.6A 164J24 162J24 36 24V C.T. @ 1.5A 12V @ 3A 164D28 162D28 1.1 28V C.T. @ .04A 14V @ .08A 164E28 162E28 2.4 28V C.T. @ .085A 14V @ .17A 164F28 162F28 6 28V C.T. @ .2A 14V @ .4A 164G28 162G28 12 28V C.T. @ .42A 14V @ .84A 164H28 162H28 20 28V C.T. @ .7A 14V @ 1.4A 164J28 162J28 36 28V C.T. @ 1.3A 14V @ 2.6A 164D36 162D36 1.1 36V C.T. @ .03A 18V @ .06A 164E36 162E36 2.4 36V C.T. @ .065A 18V @ .13A 164F36 162F36 6 36V C.T. @ .17A 18V @ .34A 164G36 162G36 12 36V C.T. @ .35A 18V @ .7A 164H36 162H36 20 36V C.T. @ .55A 18V @ 1.1A 164J36 162J36 36 36V C.T. @ 1A 18V @ 2A 164D48 162D48 1.1 48V C.T. @ .023A 24V @ .046A 164E48 162E48 2.4 48V C.T. @ .05A 24V @ .1A 164F48 162F48 6 48V C.T. @ .125A 24V @ .25A 164G48 162G48 12 48V C.T. @ .25A 24V @ .5A 164H48 162H48 20 48V C.T. @ .4A 24V @ .8A 164J48 162J48 36 48V C.T. @ .75A 24V @ 1.5A 164D56 162D56 1.1 56V C.T. @ .02A 28V @ .04A 164E56 162E56 2.4 56V C.T. @ .045A 28V @ .09A 164F56 162F56 6 56V C.T. @ .11A 28V @ .22A 164G56 162G56 12 56V C.T. @ .22A 28V @ .44A 164H56 162H56 20 56V C.T. @ .35A 28V @ .7A 164J56 162J56 36 56V C.T. @ .65A 28V @ 1.3A 164D120 162D120 1.1 120V C.T. @ .01A 60V @ .02A 164E120 162E120 2.4 120V C.T. @ .02A 60V @ .04A 164F120 162F120 6 120V C.T. @ .05A 60V @ .1A 164G120 162G120 12 120V C.T. @ .1A 60V @ .2A 164H120 162H120 20 120V C.T. @ .16A 60V @ .32A 164J120 162J120 36 120V C.T. @ .3A 60V @ .6A |
Similar Part No. - 164G24 |
|
Similar Description - 164G24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |