Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-215083-0 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 1-215083-0
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-215083-0 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 1-215083-0 Datasheet HTML 7Page - Tyco Electronics 1-215083-0 Datasheet HTML 8Page - Tyco Electronics 1-215083-0 Datasheet HTML 9Page - Tyco Electronics 1-215083-0 Datasheet HTML 10Page - Tyco Electronics 1-215083-0 Datasheet HTML 11Page - Tyco Electronics 1-215083-0 Datasheet HTML 12Page - Tyco Electronics 1-215083-0 Datasheet HTML 13Page - Tyco Electronics 1-215083-0 Datasheet HTML 14Page - Tyco Electronics 1-215083-0 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
11
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
System 50 Board-to-Board Connectors, Through-Hole Headers (Continued)
Ribbon Cable Interconnect Solutions
Shrouded,
Double Row
Right-Angle
Material and Finish
Housing — Black thermoplastic,
UL 94V-0 rated
Contacts — Copper alloy, plated
.000030 [0.00076] gold in mating area,
.000150 [0.00381] tin on solder posts,
with entire contact underplated .000050
[0.00127] nickel
Related Product Data
Mateable Receptacles — page 9
Technical Documents
Product Specification
108-1093
Application Specification
114-25031
Circuit Identification
Feature**
.540
[13.72]
.100
[2.54]
.350
[8.89]
.290
[7.37]
.050
[1.27]
Typ.
Note 2
Note 1
.060
[1.52]
2 Plc.
A
.055*
[1.40]
.100
[2.54]
.160 [4.06]
at Post Tips
.100
[2.54]
at Post
Tips
.408
[10.36]
Hold down
post
No. of
Dim.
Part
Positions
A
Number
.330
8
8.38
5-104069-8
.380
10
9.65
5-104069-4
.630
20
16.00
5-104069-1
.730
24
18.54
6-104069-2
.780
26
19.81
6-104069-3
.880
30
22.35
5-104069-5
.980
34
24.89
6-104069-4
No. of
Dim.
Part
Positions
A
Number
1.130
40
28.70
5-104069-6
1.380
50
35.05
5-104069-2
1.630
60
41.40
5-104069-7
1.830
68
46.80
6-104069-8
1.930
72
49.02
6-104069-6
2.130
80
54.10
5-104069-3
2.630
100
66.80
6-104069-7
**Point of measurement for gold thickness.
**Circuit identification feature omitted on 8, 10, 12 and
14 position headers.
Notes: 1. Hold down posts located as shown for
16 through 100 position headers.
Notes: 2. Hold down posts located as shown for
8 through 14 and 60 through 100 position
headers.
Notes: 3. All part numbers are RoHS compliant.


Similar Part No. - 1-215083-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-215083-0 MACOM-1-215083-0 Datasheet
4Mb / 18P
   AMP Micro-Match Miniature Connector System
More results

Similar Description - 1-215083-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com