Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3842AGD8 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS3842AGD8
Description  Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3842AGD8 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

  CS3842AGD8 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3842AGD8 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3842AGD8 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3842AGD8 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3842AGD8 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3842AGD8 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Thermal Data
8 L
8 L
14 L
PDIP
SO Narrow SO Narrow
RΘJC
typ
52
45
30
˚C/W
RΘJA
typ
100
165
125
˚C/W
6
Ordering Information
Part Number
0˚C to
-25˚C to
Description
70˚C85˚C
CS2842ALN8
8L PDIP
CS2843ALN8
8L PDIP
CS3842AGN8
8L PDIP
CS3842AGD8
8L SO Narrow
CS3842AGDR8
8L SO Narrow
(tape & reel)
CS3842AGD14
14L SO Narrow
CS3842AGDR14
14L SO Narrow
(tape & reel)
CS2843ALD14
14L SO Narrow
CS2843ALDR14
14L SO Narrow
(tape & reel)
CS3843AGN8
8L PDIP
CS3843AGD8
8L SO Narrow
CS3843AGDR8
8L SO Narrow
(tape & reel)
CS3843AGD14
14L SO Narrow
CS3843AGDR14
14L SO Narrow
(tape & reel)
Rev. 10/23/98
D
Lead Count
Metric
English
Max
Min
Max
Min
8 Lead PDIP
10.16
9.02
.400
.355
8 Lead SO Narrow
5.00
4.80
.197
.189
14 Lead SO Narrow
8.75
8.55
.344
.337
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
PACKAGE THERMAL DATA
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.
Plastic DIP (N); 300 mil wide
0.39 (.015)
MIN.
2.54 (.100) BSC
1.77 (.070)
1.14 (.045)
D
Some 8 and 16 lead
packages may have
1/2 lead at the end
of the package.
All specs are the same.
.203 (.008)
.356 (.014)
REF: JEDEC MS-001
3.68 (.145)
2.92 (.115)
8.26 (.325)
7.62 (.300)
7.11 (.280)
6.10 (.240)
.356 (.014)
.558 (.022)
Surface Mount Narrow Body (D); 150 mil wide
1.27 (.050) BSC
0.51 (.020)
0.33 (.013)
6.20 (.244)
5.80 (.228)
4.00 (.157)
3.80 (.150)
1.57 (.062)
1.37 (.054)
D
0.25 (0.10)
0.10 (.004)
1.75 (.069) MAX
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-012
0.25 (.010)
0.19 (.008)


Similar Part No. - CS3842AGD8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS3842AGD8 ONSEMI-CS3842AGD8 Datasheet
273Kb / 10P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
July, 2006 ??Rev. 4
More results

Similar Description - CS3842AGD8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS2842A ONSEMI-CS2842A Datasheet
273Kb / 10P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
July, 2006 ??Rev. 4
logo
Cherry Semiconductor Co...
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
logo
ON Semiconductor
CS3842B ONSEMI-CS3842B Datasheet
68Kb / 8P
   Off-Line Current Mode PWM Control Circuit
December, 2001 - Rev. 4
logo
STMicroelectronics
STIPN2M50-H STMICROELECTRONICS-STIPN2M50-H Datasheet
990Kb / 21P
   Undervoltage lockout
February 2017 Rev 4
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
   Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
   Current Mode PWM Control Circuit
December, 2001 - Rev. 7
CS2844 ONSEMI-CS2844 Datasheet
162Kb / 12P
   Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
logo
STMicroelectronics
STIPN2M50T-HL STMICROELECTRONICS-STIPN2M50T-HL Datasheet
1,003Kb / 23P
   Undervoltage lockout
February 2017 Rev 4
STGIPS10C60T-H STMICROELECTRONICS-STGIPS10C60T-H Datasheet
635Kb / 19P
   Undervoltage lockout
April 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com