Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1792407 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1792407
Description  Printed-circuit board connector - GMSTBVA 2,5 HC/ 7-G-7,62 - 1792407
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1792407 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1792407 Datasheet HTML 1Page - PHOENIX CONTACT 1792407 Datasheet HTML 2Page - PHOENIX CONTACT 1792407 Datasheet HTML 3Page - PHOENIX CONTACT 1792407 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1792407
12/30/13   Page 1 / 4
Printed-circuit board connector - GMSTBVA 2,5 HC/ 7-G-7,62 - 1792407
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 16 A, Rated voltage (III/2): 630 V, Number of positions: 7, Pitch: 7.62 mm, Color: green,
Contact surface: Tin, Assembly: Soldering
Product Features
 GMSTBVA 2,5 HC vertical headers for use in combination with GMSTB 2,5 HCV plugs
 CR-MSTB coding sections as protection against mismatching
 Compact 7.62 mm pitch
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
8.6 mm
Pitch
7.62 mm
Dimension a
45.72 mm
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm
General
Range of articles
GMSTBVA 2,5 HC/..-G
Insulating material group
I
Rated surge voltage (III/3)
6 kV
Rated surge voltage (III/2)
6 kV
Rated surge voltage (II/2)
6 kV


Similar Part No. - 1792407

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1792401 PHOENIX-1792401 Datasheet
146Kb / 5P
   MSTBA 2,5/18-G-5,08
1792401 PHOENIX-1792401 Datasheet
122Kb / 8P
   Printed-circuit board connector - MVSTBR 2,5/18-ST-5,08
More results

Similar Description - 1792407

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1813020 PHOENIX-1813020 Datasheet
93Kb / 4P
   Printed-circuit board connector - GMSTBVA 2,5 HC/ 7-G-7,62-LR
1792436 PHOENIX-1792436 Datasheet
73Kb / 4P
   Printed-circuit board connector - GMSTBVA 2,5 HC/10-G-7,62
1792449 PHOENIX-1792449 Datasheet
73Kb / 4P
   Printed-circuit board connector - GMSTBVA 2,5 HC/11-G-7,62
1773455 PHOENIX-1773455 Datasheet
73Kb / 4P
   Printed-circuit board connector - GMSTBVA 2,5 HC/ 5-G-7,62
1792397 PHOENIX-1792397 Datasheet
135Kb / 9P
   Printed-circuit board connector - GMSTBVA 2,5 HC/ 2-G-7,62
09/12/2020
1792423 PHOENIX-1792423 Datasheet
73Kb / 4P
   Printed-circuit board connector - GMSTBVA 2,5 HC/ 9-G-7,62
1792410 PHOENIX-1792410 Datasheet
73Kb / 4P
   Printed-circuit board connector - GMSTBVA 2,5 HC/ 8-G-7,62
1792452 PHOENIX-1792452 Datasheet
73Kb / 4P
   Printed-circuit board connector - GMSTBVA 2,5 HC/12-G-7,62
1767050 PHOENIX-1767050 Datasheet
73Kb / 4P
   Printed-circuit board connector - GMSTBVA 2,5 HC/ 6-G-7,62
1813075 PHOENIX-1813075 Datasheet
94Kb / 4P
   Printed-circuit board connector - GMSTBVA 2,5 HC/12-G-7,62-LR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com