Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376390-4 Datasheet(PDF) 49 Page - Tyco Electronics

Part # 3-1376390-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376390-4 Datasheet(HTML) 49 Page - Tyco Electronics

Back Button 3-1376390-4 Datasheet HTML 45Page - Tyco Electronics 3-1376390-4 Datasheet HTML 46Page - Tyco Electronics 3-1376390-4 Datasheet HTML 47Page - Tyco Electronics 3-1376390-4 Datasheet HTML 48Page - Tyco Electronics 3-1376390-4 Datasheet HTML 49Page - Tyco Electronics 3-1376390-4 Datasheet HTML 50Page - Tyco Electronics 3-1376390-4 Datasheet HTML 51Page - Tyco Electronics 3-1376390-4 Datasheet HTML 52Page - Tyco Electronics 3-1376390-4 Datasheet HTML 53Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
183
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
PC Board Vertical
Socket Headers
.250 [6.35] Centerline spacing
Material
Housing —
UL94V-2 Nylon, natural color
UL94V-0 Nylon
Contacts — Phosphor bronze
Solder tail diameter .062 [1.57]
Related Product Data
Product Specification
108-1053 Universal MATE-N-LOK
PC Board Headers
Performance Characteristics—
pages 169-170
Recommended PC Board Hole
Layout— page 184
Technical Documents— pages 169
and 205-206
Mating Connectors
Universal MATE-N-LOK
Plug Housings — page 174
Universal MATE-N-LOK II
Plug Housings — pages 193-194
2, 3, 4, 5, and 6
Circuit, In-Line
Mates with Plug
Socket Header Part Numbers
Housing Part Number
Number of
A
Flammability
Socket
Standard
Standard Tail
(Using Pin Contacts)
Circuits
Dim.
Rating
Finish
Tail2
Polarized2
Long Tail3
Universal
Universal
MATE-N-LOK MATE-N-LOK II
UL94V-2
Pre-tin
350759-4
643411-1
350986-4
1-480698-0
2
.550
Duplex1
350759-5
——
13.97
UL94V-0
Pre-tin
350824-1
643412-1
350831-1
350777-1
770017-1
Duplex1
350824-4
643412-3
UL94V-2
Pre-tin
350760-4
643413-1
350987-4
1-480700-0
3
.800
Duplex1
350760-5
——
20.32
UL94V-0
Pre-tin
350825-1
643414-1
350832-1
350766-1
770018-1
Duplex1
350825-4
643414-3
350832-4
UL94V-2
Pre-tin
350761-4
643415-1
350988-4
1-480702-0
4
1.050
Duplex1
350761-5
350988-5
26.67
UL94V-0
Pre-tin
350826-1
643416-1
350833-1
350779-1
770019-1
Duplex1
350826-4
350833-4
UL94V-2
Pre-tin
640467-1
——
1-480763-0
5
1.300
Pre-tin
640467-3
——
33.02
UL94V-0
Pre-tin
640901-1
——
350809-1
770016-1
Duplex1
640901-3
——
6
1.550
UL94V-0
Duplex1
770262-3
——
640581-1
39. 37
Mates with Plug
Socket Header Part Numbers
Housing Part Number
Number of
A
Flammability
Socket
Standard
Standard Tail
(Using Pin Contacts)
Circuits
Dim.
Rating
Finish
Tail2
Polarized2
Long Tail3
Universal
Universal
MATE-N-LOK MATE-N-LOK II
UL94V-2
Pre-tin
350762-4
643423-1
350989-4
1-480704-0
6
.550
Duplex1
350762-5
350989-5
13.97
UL94V-0
Pre-tin
350827-1
643424-1
350834-1
350715-1
770020-1
Duplex1
350827-4
643424-3
350834-4
UL94V-2
Pre-tin
350763-4
643425-1
350990-4
1-480706-0
9
.800
Duplex1
350763-5
350990-5
20.32
UL94V-0
Pre-tin
350828-1
643426-1
350835-1
350720-1
770021-1
Duplex1
350828-4
643426-3
350835-4
UL94V-2
Pre-tin
350764-4
350991-4
1-480708-0
12
1.050
Duplex1
350764-5
350991-5
26.67
UL94V-0
Pre-tin
350829-1
643428-1
350836-1
350735-1
770022-1
Duplex1
350829-4
350836-4
UL94V-2
Pre-tin
350765-4
643429-1
350992-4
1-480710-0
15
1.300
Duplex1
350765-5
——
33.02
UL94V-0
Pre-tin
350830-1
643430-1
350837-1
350736-1
770023-1
Duplex1
350830-4
350837-4
1
Duplex Finish — Plated with .000030 [.000762] min. gold in mating area, matte tin on solder tail end over .000050
[.00127] min. nickel underplate on entire contact.
2
Use Standard Tail for .062 [1.57] thick PC Board.
3
Use Long Tail for .125 [3.18] thick PC Board.
.175 Standard Tail
[4.45]
.235 Long Tail
[5.97]
.300
[7.62]
Polarizing
feature
.550
[13.97]
6, 9, 12 and 15
Circuit, Matrix
.550
[13.97]
.175 Standard Tail
[4.45]
.235 Long Tail
[5.97]
.800
[20.32]
Polarizing
feature
Note: All part numbers are RoHS Compliant.
Note: Header Housings on pages
182-185 are available in colors
listed on page 188. Call Technical
Support for exact Part Numbers.


Similar Part No. - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com