Electronic Components Datasheet Search |
|
3-1376387-4 Datasheet(PDF) 27 Page - Tyco Electronics |
|
3-1376387-4 Datasheet(HTML) 27 Page - Tyco Electronics |
27 / 98 page 161 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Commercial MATE-N-LOK Connectors (Continued) AMP Soft Shell Pin and Socket Connectors PC Board Vertical Pin Headers Material Housing — Nylon, natural color Flammability Rating — UL94V-2 Contacts — Phosphor bronze Solder tail diameter .062 [1.57] Related Product Data Product Specifications 108-1077 Commercial MATE-N-LOK PC Board Headers Performance Characteristics— pages 151-152 Technical Documents—pages 151 and 205-206 Mating Socket Housings— pages 157-160 Mating Socket Headers—page 162 Mating IDC—page 163 Detent Lock Recommended PC Board Hole Layout Mounting Dimensions Recommended PC Board Hole Layout Mounting Dimensions Positive Lock Positive Lock 2, 3, and 4 Circuit, In-Line 6, 8, 10, 12 and 16 Circuit, Dual Row Number of A Type Part Numbers Mates with Standard2 Long3 Socket Housing Circuits Dim. Lock Finish Tail Tail Part Number Positive Pre-tin 350539-1 350540-1 1-480720-0 2 .515 Duplex1 1586530-2 — 13.09 Detent Pre-tin 350209-1 350422-1 1-480318-0 Duplex1 1586512-2 — Positive Pre-tin 350541-1 350542-1 1-480721-0 3 .715 Duplex1 1586532-2 — 18.17 Detent Pre-tin 350210-1 350423-1 1-480303-0 Duplex1 1586514-2 — Positive Pre-tin 350543-15 350544-15 1-480722-05 Duplex1 1586534-25 1586536-25 .915 Pre-tin 350211-15 350424-15 4 794236-15,8 1-480424-04,5 23.24 Detent Post-tin 1586627-15,6 1-1586627-15,6,7 Duplex1 1586515-25 1586525-25 6 .705 Positive Pre-tin 1-380999-0 350425-1 1-480270-0 17.91 Duplex1 2-1586546-0 1586526-2 8 .900 Positive Pre-tin 350212-1 350426-1 1-480283-0 22.86 Duplex1 1586518-2 1586528-2 10 1.095 Positive Pre-tin 1-380991-0 350219-1 1-480285-0 27.81 Duplex1 2-1586544-0 — 12 1.290 Positive Pre-tin 350213-1 350220-1 1-480287-0 32.77 Duplex1 1586520-2 1586524-2 16 1.680 Positive Pre-tin 350214-1 350427-1 1-480438-0 42.68 Duplex1 1586522-2 1586529-2 1 Duplex Finish — Plated with .000030 [.000762] min. gold in mating area, matte tin on solder tail end over .000050 [.00127] min. nickel underplate on entire contact. 2 Use standard tail for .062 [1.57] thick PC Board. 3 Use long tail for .125 [3.18] thick PC Board. 4 Other mating connectors include a vertical PC Board socket header and the insulation displacement connectors (IDC). 5 Used by the disk drive industry. 6 With drain holes. 7 Tube loaded. 8 Housing material UL94V-0 rated. Note: All part numbers are RoHS Compliant. .330 [8.38] A A .375 [9.52] .375 [9.52] .200 [5.08] .330 [3.38] Typ. .070 [1.78] .070 [1.78] .360 [9.14] .375 [9.14] .785 [19.93] A Dia. Typ. .195 [4.95] Typ. Dia. Typ. |
Similar Part No. - 3-1376387-4 |
|
Similar Description - 3-1376387-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |